Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 117 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 117 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 111Page - Advanced Micro Devices ELANSC310 Datasheet HTML 112Page - Advanced Micro Devices ELANSC310 Datasheet HTML 113Page - Advanced Micro Devices ELANSC310 Datasheet HTML 114Page - Advanced Micro Devices ELANSC310 Datasheet HTML 115Page - Advanced Micro Devices ELANSC310 Datasheet HTML 116Page - Advanced Micro Devices ELANSC310 Datasheet HTML 117Page - Advanced Micro Devices ELANSC310 Datasheet HTML 118Page - Advanced Micro Devices ELANSC310 Datasheet HTML 119Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 117 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
117
PREL IMINARY
Notes:
The appropriate timings above are also valid for the Bidirectional Parallel Port mode.
Table 61.
EPP Data Register Read Cycle (See Figure 50)
Symbol
Parameter Description
Max
Min
Unit
t1
AFDT delay from PPDCS active
1.8
1.1
ns
t2
AFDT active pulse width (no wait states)
450
448
ns
t3
AFDT High to Low recovery
1000
ns
t4
Read data valid delay
25.3
ns
t5
Read data hold time
2.3
ns
t6
PPDCS delay from IOR active
6.8
ns
t7
PPDCS delay from AFDT inactive
3.7
1.8
ns
t8
PPDCS delay from IOR inactive
4.2
ns
t9
BUSY (inactive) hold from AFDT High
0
ns
t1
t2
t3
t4
t5
t6
t8
t7
t9
Data Valid
AFDT
STRB
D7–D0
PPDCS
PPOEN
IOR
IOW
BUSY
Figure 50.
EPP Data Register Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com