Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 34 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 34 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 30Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 31Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 32Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 33Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 34Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 35Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 36Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 37Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 38Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 410 page
background image
Page 20
2. CPU Core
2.3 System clock controller
TMP89FS60
RA001
2. Prescaler and divider
These circuits divide fcgck. The divided clocks are supplied to the timer counter, the time
base timer and other peripheral circuits.
When both SYSCR1<DV9CK> and SYSCR2<SYSCK> are "0", the input clock to stage 9
of the divider becomes the output of stage 8 of the divider.
When SYSCR1<DV9CK> or SYSCR2<SYSCK> is "1", the input clock to stage 9 of the
divider becomes fs/4. When SYSCR2<SYSCK> is "1", the outputs of stages 1 to 8 of the
divider and prescaler are stopped.
The prescaler and divider are cleared to "0" at a reset and at the end of the warm-up opera-
tion that follows the release of STOP mode.
3. Machine cycle
Instruction execution is synchronized with the main system clock (fm).
The minimum instruction execution unit is called a "machine cycle". One machine cycle
corresponds to one main system clock.
There are a total of 11 different types of instructions for the TLCS-870/C1 Series: 10 types
ranging from 1-cycle instructions, which require one machine cycle for execution, to 10-
cycle instructions, which require 10 machine cycles for execution, and 13-cycle instructions,
which require 13 machine cycles for execution.
2.3.4
Warm-up counter
The warm-up counter is a circuit that counts the high-frequency clock (fc) and the low-frequency clock (fs),
and it consists of a source clock selection circuit, a 3-stage frequency division circuit and a 14-stage counter.
The warm-up counter is used to secure the time after a power-on reset is released before the supply voltage
becomes stable and secure the time after the STOP mode is released or the operation mode is changed before
the oscillation by the oscillation circuit becomes stable.
Figure 2-6 Warm-up Counter Circuit
S
Z
D
C
B
A
S
Z
A
B
Clock for high-frequency clock
oscillation circuit (fc)
Clock for low-frequency clock
oscillation circuit (fs)
Com-
parator
WUCDR
SYSCR2
SYSCR1
WUCCR
Enable/disable counting up
XEN XTEN
STOP
INTWUC interrupt
Enable CPU operation
WUCSEL
WUCDIV
WUCRST
Warm-up counter
controller
1 2 3 4 5 6 7 8 9 10 11 12 1314
0 1 2 3 4 5 6 7
1 2 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com