Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 20Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 21Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 22Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 23Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 24Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 25Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 26Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 27Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 410 page
background image
Page 10
2. CPU Core
2.2 Memory space
TMP89FS60
RA001
By setting SYSCR3<RAREA> to "1" and writing 0xD4 to SYSCR4, RAM can be mapped to 0x0040to
0x0C3F in the code area to execute the program.
At this time, by setting SYSCR<RVCTR> to "1" and writing 0xD4 to SYSCR4, vector table for vector
call instructions and interrupt except reset can be mapped to RAM.
Note 1: The value of SYSCR3<RAREA> is invalid until 0xD4 is written into SYSCR4.
Note 2: To assign vector address areas to RAM, set SYSCR3<RVCTR> to "1" and SYSCR3<RAREA> to "1".
Note 3: Do not set SYSCR3<RVCTR> to "0" by using the RAM loader program. If an interrupt occurs with SYSCR3<RVCTR> set
to "0", the BOOTROM area is referenced as a vector address and, therefore, the program will not function properly.
Note 4: Bits 7 to 3 of SYSCR3 are read as "0".
Note 1: SYSCR4 is a write-only register, and must not be accessed by using a read-modify-write instruction, such as a bit opera-
tion.
Note 2: After SYSCR3<RSTDIS> is modified, SYSCR4 should be written 0xB2 (Enable code for SYSCR3<RSTDIS>) in NORMAL
mode when fcgck is fc/4 (CGCR<FCGCKSEL>=00). Otherwise, SYSCR3<RSTDIS> may be enabled at unexpected tim-
ing.
Note 3: After IRSTSR<FCLR> is modified, SYSCR4 should be written 0x71 (Enable code for IRSTSR<FCLR> in NORMAL mode
when fcgck is fc/4 (CGCR<FCGCKSEL>=00). Otherwise, IRSTSR<FCLR> may be enabled at unexpected timing.
In the serial PROM mode, the RAM is mapped to 0x0040 to 0x0C3F in the code area, regardless of the
value of SYSCR3<RAREA>. The program can be executed on the RAM using the RAM loader function.
Note 1: When the RAM is not mapped in the code area, the SWI instruction is fetched from 0x0040 to 0x0C3F.
Note2:
The contents of the RAM become unstable when the power is turned on and immediately after a reset
is released. To execute the program by using the RAM, transfer the program to be executed in the
initialization routine.
System control register 3
SYSCR3
(0x0FDE)
76543210
Bit Symbol
-----
RVCTR
RAREA
(RSTDIS)
Read/Write
RRRRR
R/W
R/W
R/W
After reset
00000000
RAREA
Specifies mapping of the RAM in
the code area
0 :
The RAM is not mapped from 0x0040 to 0x0C3F in the code area.
1 :
The RAM is mapped from 0x0040 to 0x0C3F in the code area.
RVCTR
Specifies mapping of the vector
table for vector call instructions
and interrupts
Vector table for vector call instruc-
tions
Vector table for interrupt
0 :
0xFFA0 to 0xFFBF in the code area
0xFFC8 to 0xFFFF in the code
area
1 :
0x01A0 to 0x01BF in the code area
0x01C8 to 0x01FD in the code area
System control register 4
SYSCR4
(0x0FDF)
76543
210
Bit Symbol
SYSCR4
Read/Write
W
After reset
00000
000
SYSCR4
Writes the SYSCR3 data control
code.
0xB2 :
0xD4 :
0x71 :
Enables the contents of SYSCR3<RSTDIS>.
Enables the contents of SYSCR3<RAREA> and SYSCR3 <RVCTR>.
Enables the contents of IRSTSR<FCLR>
Others : Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com