Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 40 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 40 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 36Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 37Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 38Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 39Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 40Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 41Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 42Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 43Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 44Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 410 page
background image
Page 26
2. CPU Core
2.3 System clock controller
TMP89FS60
RA001
2.3.5.4
Transition of operation modes
Note 1: The NORMAL1 and NORMAL2 modes are generically called the NORMAL mode; the SLOW1 and SLOW2 modes are
called the SLOW mode; the IDLE0, IDLE1 and IDLE2 modes are called the IDLE mode; and the SLEEP0 and SLEEP1
are called the SLEEP mode.
Note 2: The mode is released by the falling edge of the source clock selected at TBTCR<TBTCK>.
Figure 2-7 Operation Mode Transition Diagram
IDLE0
mode
RESET
Warm-up that
follows reset
release
NORMAL1
mode
STOP
NORMAL2
mode
SLOW2
mode
SLOW1
mode
IDLE0
mode
IDLE2
mode
SLEEP1
mode
SLEEP0
mode
(a) Single-clock mode
(b) Dual-clock mode
SYSCR2<IDLE> = "1"
SYSCR1<STOP> = "1"
SYSCR2<IDLE> = "1"
SYSCR1<STOP> = "1"
SYSCR2<IDLE> = "1"
SYSCR1<STOP> = "1"
Interrupt
Interrupt
STOP mode release
signal
STOP mode release
signal
STOP mode release
signal
Interrupt
SYSCR2<TGHA L
T> = "1"
SYSCR2<XTEN> = "0"
SYSCR2<XTEN> = "1"
SYSCR2<SYSCK> = "0"
SYSCR2<SYSCK> = "1"
SYSCR2<XEN> = "0"
SYSCR2<TGHALT> = "1"
Reset release
Warm-up completed
SYSCR2<XEN> = "1"
(Note 2)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com