Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 52 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 52 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 48Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 49Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 50Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 51Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 52Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 53Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 54Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 55Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 56Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 410 page
background image
Page 38
2. CPU Core
2.4 Reset Control Circuit
TMP89FS60
RA001
2.4
Reset Control Circuit
The reset circuit controls the external and internal factor resets and initializes the system.
2.4.1
Configuration
The reset control circuit consists of the following reset signal generation circuits:
1. External reset input (external factor)
2. Power-on reset (internal factor)
3. Voltage detection reset 1 (internal factor)
4. Voltage detection reset 2 (internal factor)
5. Watchdog timer reset (internal factor)
6. System clock reset (internal factor)
7. Trimming data reset (internal factor)
8. Flash standby reset (internal factor)
Figure 2-14 Reset Control Circuit
2.4.2
Control
The reset control circuit is controlled by system control register 3 (SYSCR3), system control register 4
(SYSCR4), system control status register (SYSSR4) and the internal factor reset detection status register
(IRSTSR).
Note 1: The enabled SYSCR3<RSTDIS> is initialized by a power-on reset only, and cannot be initialized by an external reset input
or internal factor reset. The value written in SYSCR3 is reset by a power-on reset, external reset input or internal factor
reset.
Note 2: The value of SYSCR3<RSTDIS> is invalid until 0xB2 is written into SYSCR4.
System control register 3
SYSCR3
(0x0FDE)
76543
210
Bit Symbol
-----
(RVCTR)
(RAREA)
RSTDIS
Read/Write
RRRRR
R/W
R/W
R/W
After reset
00000
000
RSTDIS
External reset input enable register
0 : Enables the external reset input.
1 : Disables the external reset input.
P10(RESET)
Internal factor reset detection status register,
Voltage detection circuit reset signal
External reset input enable reset signal
Warm-up
counter reset
signal
System clock control circuit
Warm-up counter
CPU/peripheral
circuits reset signal
Flash standby reset signal
Trimming data reset signal
System clock reset signal
Watchdog timer reset signal
Voltage detection reset 2 signal
Power-on reset signal
P10 port
Voltage detection reset 1 signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com