Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 82 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 82 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 78Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 79Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 80Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 81Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 82Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 83Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 84Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 85Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 86Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 410 page
background image
Page 68
4. External Interrupt control circuit
4.3 Function
TMP89FS60
RA000
4.3.2
External interrupt 0
External interrupt 0 detects the falling edge of the INT0 pin and generates interrupt request signals.
In NORMAL1/2 or IDLE1/2 mode, pulses of less than 1/fcgck are removed as noise and pulses of 2/fcgck or
more are recognized as signals.
In SLOW/SLEEP mode, pulses of less than 4/fs are removed as noise and pulses of 8/fs or more are recog-
nized as signals.
4.3.3
External interrupts 1/2/3
External interrupts 1/2/3 detect the falling edge, the rising edge or both edges of the INT1, INT2 and INT3
pins and generate interrupt request signals.
4.3.3.1
Interrupt request signal generating condition detection function
Select interrupt request signal generating conditions at EINTCRx<INTxES> for external interrupts 1/2/
3.
Note: x=1 to 3
4.3.3.2
A noise canceller pass signal monitoring function when interrupt request signals are
generated
The level of a signal that has passed through the noise canceller when an interrupt request is generated
can be read by using EINTCRx<INTxLVL>. When both edges are selected as detection edges, the edge
where an interrupt is generated can be detected by reading EINTCRx<INTxLVL>.
Table 4-2
Selection of Interrupt Request Generation Edge
EINTCRx<INTxES>
Detected at
00
Rising edge
01
Falling edge
10
Both edges
11
Reserved
Signal that has passed through
the noise canceller
INTi pin
Interrupt request signal
(detected at the falling edge)
Interrupt request signal
(detected at the rising edge)
Interrupt request signal
(detected at both edges)
INT
LVL
INT
LVL
INT
LVL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com