Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 92Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 93Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 94Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 95Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 96Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 97Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 98Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 99Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 410 page
background image
Page 82
7. Voltage Detection Circuit
7.3 Function
TMP89FS60
RA002
Note 1: VDCR1 is initialized by a power-on reset or an external reset input.
Note 2: When VD2F or VD1F is cleared by the software and is set due to voltage detection at the same time, the setting due to
voltage detection is given priority.
Note 3: VD2F and VD1F cannot be programmed to "1" by the software.
Note 1: VDCR2 is initialized by a power-on reset or an external reset input.
Note 2: Bits 7 and 6 of VDCR2 are read as "0".
7.3
Function
Two detection voltages (VDxLVL, x=1-2) can be set in the voltage detection circuit. For each voltage, enabling/
disabling the voltage detection and the operation to be executed when the supply voltage (VDD) becomes lower than
the detection voltage (VDxLVL) can be programmed.
VD2F
Voltage detection 2 flag (Retains
the state when VDD<VD2LVL is
detected)
0 : VDD
≥ VD2LVL
1 : VDD < VD2LVL
VD2SF
Voltage detection 2 status flag
(Magnitude relation of VDD and
VD2LVL when they are read)
0 : VDD
≥ VD2LVL
1 : VDD < VD2LVL
VD2LVL
Selection for detection voltage 2
00 : 3.70 +0.2 / -0.2V
01 : 3.15 +0.15 / -0.15V
10 : 2.85 +0.15 / -0.15V
11 : Reserved
VD1F
Voltage detection 1 flag (Retains
the state when VDD<VD1LVL is
detected)
0 : VDD
≥ VD1LVL
1 : VDD < VD1LVL
VD1SF
Voltage detection 1 status flag
(Magnitude relation of VDD and
VD1LVL when they are read)
0 : VDD
≥ VD1LVL
1 : VDD < VD1LVL
VD1LVL
Selection for detection voltage 1
00 : 4.50 +0.2 / -0.2V
01 : 4.20 +0.2 / -0.2V
10 : 3.70 +0.2 / -0.2V
11 : 3.15 +0.15 / -0.15V
Voltage detection control register 2
VDCR2
(0x0FC7)
76543
210
Bit Symbol
-
-
SRSS
VD2MOD
VD2EN
VD1MOD
VD1EN
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
SRSS
Selection for the STOP mode
release source
00:
01:
10:
11:
Release STOP mode depending on the state of the STOP pin
Release STOP mode when the supply voltage (VDD) becomes higher
than the detection voltage (VDxLVL)
Release STOP mode depending on the state of the STOP pin or when the
supply voltage (VDD) becomes higher than the detection voltage (VDx-
LVL)
Reserved
VD2MOD
Selects the operation mode of volt-
age detection 2
0:
1:
Generate a voltage detection interrupt request signal
Generate a voltage detection reset 2 signal
VD2EN
Enables/disables the operation of
voltage detection 2
0:
1:
Disables the operation of voltage detection 2
Enables the operation of voltage detection 2
VD1MOD
Selects the operation mode of volt-
age detection 1
0:
1:
Generates a voltage detection interrupt request signal
Generates a voltage detection reset signal
VD1EN
Enables/disables the operation of
voltage detection 1
0:
1:
Disables the operation of voltage detection 1
Enables the operation of voltage detection 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com