Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 67Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 68Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 69Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 70Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 71Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 72Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 73Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 74Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 410 page
background image
Page 57
TMP89FS60
RA003
A maskable interrupt is not accepted until the IMF is set to “1” even if the maskable interrupt is requested in
the interrupt service routine.
In order to utilize nested interrupt service, the IMF must be set to “1” in the interrupt service program. In this
case, acceptable interrupt sources are selectively enabled by the individual interrupt enable flags.
To avoid overloaded nesting, clear the individual interrupt enable flag whose interrupt is currently serviced,
before setting IMF to “1”. As for non-maskable interrupt, keep interrupt service shorter compared with length
between interrupt requests.
3.5.3
Saving/restoring general-purpose registers
During interrupt acceptance processing, the program counter (PC) and the program status word (PSW,
includes IMF) are automatically saved on the stack, but the general purpose registers are not. These registers
must be saved by software if necessary. When multiple interrupt services are nested, it is also necessary to
avoid using the same data memory area for saving registers. The following methods are used to save/restore the
general-purpose registers.
3.5.3.1
Using PUSH and POP instructions
To save only a specific register, PUSH and POP instructions are available.
Figure 3-3 Saving/restoring general-purpose registers
Example :Using PUSH and POP instructions
PINTxx
PUSH
WA
; Save WA register
Interrupt processing
POP
WA
; Restore WA register
RETI
; RETURN
At Acceptance of
an Interrupt
PSW
SP
PCL
PCH
Address
(Example)
b-4
b-3
b-2
b-1
b
PSW
SP
PCL
PCH
At execution of
PUSH instruction
At execution of
POP instruction
SP
At execution of
an RETI instruction
PSW
W
A
SP
PCL
PCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com