Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 64Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 65Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 66Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 67Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 68Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 69Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 70Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 71Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 410 page
background image
Page 54
3. Interrupt Control Circuit
3.4 Maskable Interrupt Priority Change Function
TMP89FS60
RA003
3.4
Maskable Interrupt Priority Change Function
The priority of maskable interrupts (IL4 to IL27) can be changed to four levels, Levels 0 to 3, regardless of the
basic priorities 5 to 28. Interrupt priorities can be changed by the interrupt priority change control register (ILPRS1
to ILPRS6). To raise the interrupt priority, set the Level to a larger number. To lower the interrupt priority, set the
Level to a smaller number. When different maskable interrupts are generated simultaneously at the same level, the
interrupt with higher basic priority is processed preferentially. For example, when the ILPRS1 register is set to 0xC0
and interrupts IL4 and IL7 are generated at the same time, IL7 is preferentially processed (provided that EF4 and
EF7 have been enabled).
After reset is released, all maskable interrupts are set to priority level 0 (the lowest priority).
Note: In the main program, before manipulating the interrupt priority change control register (ILPRS1 to 6), be sure to
clear the master enable flag (IMF) to "0" (Disable interrupt by DI instruction).
Set the IMF to "1" as required after operating ILPRS1 to 6 (Enable interrupt by EI instruction).
In the interrupt service routine, the IMF becomes "0" automatically and need not be cleared to "0" normally. How-
ever, if using multiple interrupt in the interrupt service routine, manipulate ILPRS1 to 6 before setting the IMF to "1".
Interrupt priority change control register 1
ILPRS1
76543
210
(0x0FF0)
Bit Symbol
IL07P
IL06P
IL05P
IL04P
Read/Write
R/W
R/W
R/W
R/W
After reset
00000
000
IL07P
Sets the interrupt priority of IL7.
00:
Level 0 (lower priority)
IL06P
Sets the interrupt priority of IL6.
01:
Level 1
IL05P
Sets the interrupt priority of IL5.
10:
Level 2
IL04P
Sets the interrupt priority of IL4.
11:
Level 3 (higher priority)
Interrupt priority change control register 2
ILPRS2
76543
210
(0x0FF1)
Bit Symbol
IL11P
IL10P
IL09P
IL08P
Read/Write
R/W
R/W
R/W
R/W
After reset
00000
000
IL11P
Sets the interrupt priority of IL11.
00:
Level 0 (lower priority)
IL10P
Sets the interrupt priority of IL10.
01:
Level 1
IL09P
Sets the interrupt priority of IL9.
10:
Level 2
IL08P
Sets the interrupt priority of IL8.
11:
Level 3 (higher priority)
Interrupt priority change control register 3
ILPRS3
76543
210
(0x0FF2)
Bit Symbol
IL15P
IL14P
IL13P
IL12P
Read/Write
R/W
R/W
R/W
R/W
After reset
00000
000
IL15P
Sets the interrupt priority of IL15.
00:
Level 0 (lower priority)
IL14P
Sets the interrupt priority of IL14.
01:
Level 1
IL13P
Sets the interrupt priority of IL13.
10:
Level 2
IL12P
Sets the interrupt priority of IL12.
11:
Level 3 (higher priority)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com