Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 88 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 88 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 84Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 85Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 86Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 87Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 88Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 89Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 90Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 91Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 92Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 410 page
background image
Page 74
5. Watchdog Timer (WDT)
5.2 Control
TMP89FS60
RA000
Note 1: fcgck, Gear clock [Hz]; fs, Low frequency clock [Hz]
Note 2: WDCTR<WDTW>, WDCTR<WDTT> and WDCTR<WDTOUT> cannot be changed when WDCTR<WDTEN> is "1". If
WDCTR<WDTEN> is "1", clear WDCTR<WDTEN> to "0" and write the disable code (0xB1) into WDCDR to disable the
watchdog timer operation. Note that WDCTR<WDTW>, WDCTR<WDTT> and WDCTR<WDTOUT> can be changed at
the same time as setting WDCTR<WDTEN> to "1".
Note 3: Bit 7 and bit 6 of WDCTR are read as "1" and "0" respectively.
Note: WDCDR is a write-only register and must not be accessed by using a read-modify-write instruction, such as a bit operation.
WDTEN
Enables/disables the watchdog
timer operation.
0 :
1 :
Disable
Enable
WDTW
Sets the clear time of the 8-bit up
counter.
00 :
01 :
10 :
11 :
The 8-bit up counter is cleared by writing the clear code at any point within
the overflow time of the 8-bit up counter.
A watchdog timer interrupt request is generated by writing the clear code
at a point within the first quarter of the overflow time of the 8-bit up
counter. The 8-bit up counter is cleared by writing the clear code after the
first quarter of the overflow time has elapsed.
A watchdog timer interrupt request is generated by writing the clear code
at a point within the first half of the overflow time of the 8-bit up counter.
The 8-bit up counter is cleared by writing the clear code after the first half
of the overflow time has elapsed.
A watchdog timer interrupt request is generated by writing the clear code
at a point within the first three quarters of the overflow time of the 8-bit up
counter. The 8-bit up counter is cleared by writing the clear code after the
first three quarters of the overflow time have elapsed.
WDTT
Sets the overflow time of the 8-bit
up counter.
NORMAL mode
SLOW mode
DV9CK=0
DV9CK=1
00 :
218/fcgck
211/fs
211/fs
01:
220/fcgck
213/fs
213/fs
10:
222/fcgck
215/fs
215/fs
11:
224/fcgck
217/fs
217/fs
WDTOUT
Selects an overflow detection signal
of the 8-bit up counter.
0 :
1 :
Watchdog timer interrupt request signal
Watchdog timer reset request signal
Watchdog timer control code register
WDCDR
(0x0FD5)
76543
210
Bit Symbol
WDTCR2
Read/Write
W
After reset
00000
000
WDTCR2
Writes watchdog timer control
codes.
0x4E :
0xB1 :
Others :
Clears the watchdog timer. (Clear code)
Disables the watchdog timer operation and clears the 8-bit up
counter when WDCTR<WDTEN> is "0". (Disable code)
Invalid
8-bit up counter monitor
WDCNT
(0x0FD6)
76543
210
Bit Symbol
WDCNT
Read/Write
R
After reset
00000
000
WDCNT
Monitors the count value of the 8-bit
up counter
The count value of the 8-bit up counter is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com