Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 35 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 35 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 31Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 32Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 33Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 34Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 35Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 36Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 37Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 38Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 39Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 410 page
background image
Page 21
TMP89FS60
RA001
2.3.4.1
Warm-up counter operation when the oscillation is enabled by the hardware
(1)
When a power-on reset is released or a reset is released
The warm-up counter serves to secure the time after a power-on reset is released before the supply
voltage becomes stable and the time after a reset is released before the oscillation by the high-fre-
quency clock oscillation circuit becomes stable.
When the power is turned on and the supply voltage exceeds the power-on reset release voltage,
the warm-up counter reset signal is released. At this time, the CPU and the peripheral circuits are
held in the reset state.
A reset signal initializes WUCCR<WUCSEL> to "0" and WUCCR<WUCDIV> to "11", which
selects the high-frequency clock (fc) as the input clock to the warm-up counter.
When a reset is released for the warm-up counter, the high-frequency clock (fc) is input to the
warm-up counter, and the 14-stage counter starts counting the high-frequency clock (fc).
When the upper 8 bits of the warm-up counter become equal to WUCDR, counting is stopped and
a reset is released for the CPU and the peripheral circuits.
WUCDR is initialized to 0x66 after reset release, which makes the warm-up time 0x66
× 29/fc[s].
Note: The clock output from the oscillation circuit is used as the input clock to the warm-up counter. The
warm-up time contains errors because the oscillation frequency is unstable until the oscillation cir-
cuit becomes stable.
(2)
When the STOP mode is released
The warm-up counter serves to secure the time after the oscillation is enabled by the hardware
before the oscillation becomes stable at the release of the STOP mode.
The high-frequency clock (fc) or the low-frequency clock (fs), which generates the main system
clock when the STOP mode is activated, is selected as the input clock for frequency division circuit,
regardless of WUCCR<WUCSEL>.
Before the STOP mode is activated, select the division rate of the input clock to the warm-up
counter at WUCCR<WUCDIV> and set the warm-up time at WUCDR.
When the STOP mode is released, the 14-stage counter starts counting the input clock selected in
the frequency division circuit.
When the upper 8 bits of the warm-up counter become equal to WUCDR, counting is stopped and
the operation is restarted by an instruction that follows the STOP mode activation instruction.
Note 1: When the operation is switched to the STOP mode during the warm-up for the oscillation enabled by the software, the
warm-up counter holds the value at the time, and restarts counting after the STOP mode is released. In this case, the
warm-up time at the release of the STOP mode becomes insufficient. Don't switch the operation to the STOP mode during
the warm-up for the oscillation enabled by the software.
Clock that generates the main system
clock when the STOP mode is acti-
vated
WUCCR<WUCSEL>
WUCCR<WUCDIV>
Counter input clock
Warm-up time
fc
Don’t Care
00
fc
26 / fc to 255 x 26 / fc
01
fc / 2
27 / fc to 255 x 27 / fc
10
fc / 22
28 / fc to 255 x 28 / fc
11
fc / 23
29 / fc to 255 x 29 / fc
fs
Don't Care
00
fs
26 / fs to 255 x 26 / fs
01
fs / 2
27 / fs to 255 x 27 / fs
10
fs / 22
28 / fs to 255 x 28 / fs
11
fs / 23
29 / fs to 255 x 29 / fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com