Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 23Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 24Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 25Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 26Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 27Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 28Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 29Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 30Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 410 page
background image
Page 13
TMP89FS60
RA001
2.2.2.1
SFR
The SFR is mapped to 0x0000 to 0x003F (SFR1), 0x0F00 to 0x0FFF (SFR2) and 0x0E40 to 0x0EFF
(SFR3) in the data area after reset release.
Note: Don't access the reserved SFR.
2.2.2.2
RAM
The RAM is mapped to 0x0040 to 0x0C3F in the data area after reset release.
Note: The contents of the RAM become unstable when the power is turned on and immediately after a reset
is released. To execute the program by using the RAM, transfer the program to be executed in the ini-
tialization routine.
2.2.2.3
BOOTROM
The BOOTROM is not mapped in the code area or the data area after reset release.
Note: The flash memory control register 1 has a double-buffer structure comprised of the register FLSCR1 and a shift register.
Writing "0xD5" to the register FLSCR2 allows a register setting to be reflected and take effect in the shift register. This
means that a register setting value does not take effect until "0xD5" is written to the register FLSCR2. The value of the shift
register can be checked by reading the register FLSCRM.
Example: RAM initialization program
LD
HL, RAM_TOP_ADDRESS
; Head of address of the RAM to be initialized
LD
A, 0x00
; Initialization data
LD
BC, BYTE_OF_CLEAR_BYTES
; Number of bytes of RAM to be initialized -1
CLR_RAM:
LD
(HL), A
; Initialization of the RAM
INC
HL
; Initialization address increment
DEC
BC
; Have all the RAMs been initialized?
JRS
F, CLR_RAM
Setting FLSMD<BAREA> to "1" maps the BOOTROM to 0x1000 to 0x17FF in the code area and to
0x1000 to 0x17FF in the data area. The BOOTROM can be easily written into the Flash by using the Ap-
plication Programming Interface (API) integrated in the BOOTROM.
Note1:
Only the first 2 Kbytes of the BOOTROM are mapped in the memory map, except in the serial PROM
mode.
Flash memory control register 1
FLSCR1
(0x0FD0)
76543
210
Bit Symbol
(FLSMD)
BAREA
(FAREA)
(ROMSEL)
Read/Write
R/W
R/W
R/W
R/W
After reset
01000
000
BAREA
Specifies mapping of the
BOOTROM in the code and data
areas
0 :
1 :
The BOOTROM is not mapped to 0x1000 to 0x17FF in the code area and
to 0x1000 to 0x17FF in the data area.
The BOOTROM is mapped to 0x1000 to 0x17FF in the code area and to
0x1000 to 0x17FF in the data area.
Flash memory control register 2
FLSCR2
76543
210
(0x0FD1)
Bit Symbol
CR1EN
Read/Write
W
After reset
*
*******



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com