Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 91Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 92Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 93Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 94Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 95Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 96Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 97Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 98Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 410 page
background image
Page 81
TMP89FS60
RA002
7. Voltage Detection Circuit
The voltage detection circuit detects any decrease in the supply voltage and generates voltage detection interrupt
request signals and voltage detection reset signals.
Note: The voltage detection circuit may operate improperly, depending on fluctuations in the supply voltage (VDD). Refer
to the electrical characteristics and take them into consideration when designing equipment.
7.1
Configuration
The voltage detection circuit consists of a reference voltage generation circuit, a detection voltage level selection
circuit, a comparator and control registers.
The supply voltage (VDD) is divided by the ladder resistor and input to the detection voltage selection circuit. A
voltage is selected in the detection voltage selection circuit, depending on the detection voltage (VDxLVL), and
compared to the reference voltage in the comparator. When the supply voltage (VDD) becomes lower than the detec-
tion voltage (VDxLVL), a voltage detection interrupt request signal or a voltage detection reset signal is generated.
Either the voltage detection interrupt request signal or the voltage detection reset signal can be selected by pro-
gramming the software.
Figure 7-1 Voltage Detection Circuit
7.2
Control
The voltage detection circuit is controlled by voltage detection control registers 1,2 and 3.
Voltage detection control register 1
VDCR1
(0x0FC6)
76543
210
Bit Symbol
VD2F
VD2SF
VD2LVL
VD1F
VD1SF
VD1LVL
Read/Write
R/W
Read Only
R/W
R/W
Read Only
R/W
After reset
00000
000
VDD
VDCR2
VDCR1
F/F
Voltage detection reset signal 1
Voltage detection reset signal 2
Voltage detection interrupt
request signal
F/F
Voltage detection STOP mode
release signal
Reference voltage
generation circuit
Interrupt request signal
generation circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com