Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 12Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 13Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 14Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 15Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 16Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 17Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 18Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 19Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 410 page
background image
Page 2
1.1 Features
TMP89FS60
RA000
10. 8-bit timer counter: 4 ch
- Timer, Event Counter, PWM, PPG OUTPUT modes
- Usable as a 16-bit timer, 12-bit PWM output and 16-bit PPG output by the cascade connection of two
channels.
11. Real time clock
12. UART : 1ch
13. UART/SIO : 2ch Note : Two SIO channels can be used at the same time.
14. I2C/SIO : 1ch
15. Key-on wake-up : 8 ch
16. 10-bit successive approximation type AD converter
- Analog input : 16ch
17. On-chip debug function
- Break/Event
- Trace
- RAM monitor
- Flash memory writing
18. Clock operation mode control circuit : 2 circuit
Single clock mode / Dual clock mode
19. Low power consumption operation (8 mode)
- STOP mode:
Oscillation stops. (Battery/Capacitor back-up.)
- SLOW1 mode:
Low power consumption operation using low-frequency clock.(High-frequency clock stop.)
- SLOW2 mode:
Low power consumption operation using low-frequency clock.(High-frequency clock oscillate.)
- IDLE0 mode:
CPU stops, and only the Time-Based-Timer(TBT) on peripherals operate using high frequency clock.
Released when the reference time set to TBT has elapsed.
- IDLE1 mode:
The CPU stops, and peripherals operate using high frequency clock. Release by interruputs(CPU
restarts).
- IDLE2 mode:
CPU stops and peripherals operate using high and low frequency clock. Release by interruputs. (CPU
restarts).
- SLEEP0 mode:
CPU stops, and only the Time-Based-Timer(TBT) on peripherals operate using low frequency clock.
Released when the reference time set to TBT has elapsed.
- SLEEP1 mode:
CPU stops, and peripherals operate using low frequency clock. Release by interruput.(CPU restarts).
20. Wide operation voltage:
4.3 V to 5.5 V at 8MHz /32.768 kHz
2.7 V to 5.5 V at 4.2 MHz /32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com