Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 43Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 44Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 45Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 46Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 47Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 48Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 49Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 50Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 410 page
background image
Page 33
TMP89FS60
RA001
(1)
Start the IDLE1/2 and SLEEP1 modes
After the interrupt master enable flag (IMF) is set to "0", set the individual interrupt enable flag
(EF) to "1", which releases IDLE1/2 and SLEEP1 modes.
To start the IDLE1/2 or SLEEP1 mode, set SYSCR2<IDLE> to "1".
If the release condition is satisfied when it is attempted to start the IDLE1/2 or SLEEP1 mode,
SYSCR2<IDLE> remains cleared and the IDLE1/2 or SLEEP1 mode will not be started.
Note 1: When a watchdog timer interrupt is generated immediately before the IDLE1/2 or SLEEP1 mode
is started, the watchdog timer interrupt will be processed but the IDLE1/2 or SLEEP1 mode will
not be started.
Note 2: Before starting the IDLE1/2 or SLEEP1 mode, enable the interrupt request signals to be gener-
ated to release the IDLE1/2 or SLEEP1 mode and set the individual interrupt enable flag.
(2)
Release the IDLE1/2 and SLEEP1 modes
The IDLE1/2 and SLEEP1 modes include a normal release mode and an interrupt release mode.
These modes are selected at the interrupt master enable flag (IMF). After releasing IDLE1/2 or
SLEEP1 mode, SYSCR2<IDLE> is automatically cleared to "0" and the operation mode is returned
to the mode preceding the IDLE1/2 or SLEEP1 mode.
The IDLE1/2 and SLEEP1 modes are also released by a reset by the RESET pin, a power-on reset
and a reset by the voltage detection circuits. After releasing the reset, the warm-up starts. After the
warm-up is completed, the NORMAL1 mode becomes active.
• Normal release mode (IMF = "0")
The IDLE1/2 or SLEEP1 mode is released when the interrupt latch enabled by the individ-
ual interrupt enable flag (EF) is "1". The operation is restarted by the instruction that follows
the IDLE1/2 or SLEEP1 mode start instruction. Normally, the interrupt latch (IL) of the inter-
rupt source used for releasing must be cleared to "0" by load instructions.
• Interrupt release mode (IMF = "1")
The IDLE1/2 or SLEEP1 mode is released when the interrupt latch enabled by the individ-
ual interrupt enable flag (EF) is "1". After the interrupt is processed, the operation is restarted
by the instruction that follows the IDLE1/2 or SLEEP1 mode start instruction.
2.3.6.3
IDLE0 and SLEEP0 modes
The IDLE0 and SLEEP0 modes are controlled by the system control register 2 (SYSCR2) and the time
base timer control register (TBTCR). The following states are maintained during the IDLE0 and SLEEP0
modes:
• The timing generator stops the clock supply to the peripheral circuits except the time base timer.
• The data memory, the registers, the program status word and the port output latches are all held in
the states in effect before the IDLE0 or SLEEP0 mode was started.
• The program counter holds the address of the instruction 2 ahead of the instruction which starts
the IDLE0 or SLEEP0 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com