Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 44 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 44 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 40Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 41Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 42Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 43Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 44Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 45Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 46Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 47Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 48Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 410 page
background image
Page 30
2. CPU Core
2.3 System clock controller
TMP89FS60
RA001
2. Release by the key-on wakeup
The STOP mode is released by inputting the prescribed level to the key-on wakeup pin.
The level to release the STOP mode can be selected from "H" and "L".
For release by the key-on wakeup, refer to section "Key-on Wakeup".
3. Release by the voltage detection circuits
The STOP mode is released by the supply voltage detection by the voltage detection cir-
cuits.
To release the STOP mode by using the voltage detection circuits, set VDCR2<VDSS> to
"01" or "10".
If the voltage detection operation mode of the voltage detection circuits is set to generate
reset signals (when VDCR2<VDxMOD> is 1 (x=1 to 2)), the STOP mode is released and a
reset is applied as soon as the supply voltage becomes lower than the detection voltage.
When the supply voltage becomes equal to or higher than the detection voltage of the volt-
age detection circuits, the reset is released and the warm-up starts. After the warm-up is com-
pleted, the NORMAL1 mode becomes active.
If the voltage detection operation mode of the voltage detection circuits is set to generate
interrupt request signals (when VDCR2<VDxMOD> is 0 (x=1 to 2)), the STOP mode is
released when the supply voltage becomes equal to or higher than the detection voltage.
For details, refer to the section of the voltage detection circuits.
(3)
STOP mode release operation
The STOP mode is released in the following sequence:
1. Oscillation starts. For the oscillation start operation in each mode, refer to "Table 2-4 Oscil-
lation Start Operation at Release of the STOP Mode".
2. Warm-up is executed to secure the time required to stabilize oscillation. The internal opera-
tions remain stopped during warm-up. The warm-up time is set by the warm-up counter,
depending on the oscillator characteristics.
3. After the warm-up time has elapsed, the normal operation is restarted by the instruction that
follows the STOP mode start instruction. At this time, the prescaler and the divider of the
timing generator are cleared to "0".
Note: When the STOP mode is released with a low hold voltage, the following cautions must be
observed.
The supply voltage must be at the operating voltage level before releasing the STOP mode. The
RESET
pin input must also be "H" level, rising together with the supply voltage. In this case, if an
external time constant circuit has been connected, the RESET pin input voltage will increase at a
slower pace than the power supply voltage. At this time, there is a danger that a reset may occur
if the input voltage level of the RESET pin drops below the non-inverting high-level input voltage
(Hysteresis input).
Note:
If the key-on wakeup pin input becomes the opposite level to the release level after the
warm-up starts, the STOP mode is not restarted.
Note:
If the supply voltage becomes equal to or higher than the detection voltage within 1 ma-
chine cycle after SYSCR1<STOP> is set to "1", the STOP mode will not be released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com