Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 66Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 67Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 68Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 69Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 70Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 71Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 72Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 73Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 410 page
background image
Page 56
3. Interrupt Control Circuit
3.5 Interrupt Sequence
TMP89FS60
RA003
3.5
Interrupt Sequence
An interrupt request, which raised interrupt latch, is held, until interrupt is accepted or interrupt latch is cleared to
“0”
by resetting or an instruction. Interrupt acceptance sequence requires 8-machine cycles after the completion of
the current instruction. The interrupt service task terminates upon execution of an interrupt return instruction [RETI]
(for maskable interrupts) or [RETN] (for non-maskable interrupts).
3.5.1
Initial Setting
Using an interrupt requires specifying an SP (stack pointer) for it in advance. The SP is a 16-bit register
pointing at the start address of a stack. The SP is post-decremented when a subroutine call or a push instruction
is executed or when an interrupt request is accepted. It is pre-incremented when a return or pop instruction is
executed. Therefore, the stack becomes deeper toward lower stack location addresses. Be sure to reserve a
stack area having an appropriate size based on the SP setting.
The SP is initialized to 00FFH after a reset. If you need to change the SP, do so right after a reset or when the
interrupt master enable flag (IMF) is “0”.
3.5.2
Interrupt acceptance processing
Interrupt acceptance processing is packaged as follows.
1. The interrupt master enable flag (IMF) is cleared to “0” in order to disable the acceptance of any fol-
lowing interrupt.
2. The interrupt latch (IL) for the interrupt source accepted is cleared to “0”.
3. The contents of the program counter (PC) and the program status word, including the interrupt master
enable flag (IMF), are saved (Pushed) on the stack in sequence of PSW + IMF, PCH, PCL. Mean-
while, the stack pointer (SP) is decremented by 3.
4. The entry address (Interrupt vector) of the corresponding interrupt service program, loaded on the
vector table, is transferred to the program counter.
5. The instruction stored at the entry address of the interrupt service program is executed.
Note:When the contents of PSW are saved on the stack, the contents of register bank and IMF are also saved.
Example: Correspondence between vector table address for INTTBT and the entry address of the interrupt
service program
Figure 3-2 Vector table address and Entry address
Example :SP setting
LD
SP, 023FH
; SP = 023FH
LD
SP, SP+04H
; SP = SP + 04H
ADD
SP, 0010H
; SP = SP + 0010H
0x03
0xFFF4
0xFFF5
Vector table address
0xD2
0x0F
0xD203
0xD204
Vector table address
0x06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com