Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 45Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 46Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 47Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 48Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 49Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 50Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 51Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 52Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 410 page
background image
Page 35
TMP89FS60
RA001
(1)
Normal release mode (IMF, EF5, TBTCR<TBTEN> = "0")
The IDLE0 or SLEEP0 mode is released when the falling edge of the source clock selected at
TBTCR<TBTCK> is detected. After the IDLE0 or SLEEP0 mode is released, the operation is
restarted by the instruction that follows the IDLE0 or SLEEP0 mode start instruction.
When TBTCR<TBTEN> is "1", the time base timer interrupt latch is set.
(2)
Interrupt release mode (IMF, EF5, TBTCR<TBTEN> = "1")
The IDLE0 or SLEEP0 mode is released when the falling edge of the source clock selected at
TBTCR<TBTCK> is detected. After the release, the INTTBT interrupt processing is started.
Note 1: The IDLE0 or SLEEP0 mode is released to the NORMAL1 or SLOW1 mode by the asynchro-
nous internal clock selected at TBTCR<TBTCK>. Therefore, the period from the start to the
release of the mode may be shorter than the time specified at TBTCR<TBTCK>.
Note 2: When a watchdog timer interrupt is generated immediately before the IDLE0 or SLEEP0 mode
is started, the watchdog timer interrupt will be processed but the IDLE0 or SLEEP0 mode will
not be started.
2.3.6.4
SLOW mode
The SLOW mode is controlled by system control register 2 (SYSCR2).
(1)
Switching from the NORMAL2 mode to the SLOW1 mode
Set SYSCR2<SYSCK> to "1".
When a maximum of 2/fcgck + 10/fs [s] has elapsed since SYSCR2<SYSCK> is set to "1", the
main system clock (fm) is switched to fs/4.
After switching, wait for 2 machine cycles or longer, and then clear SYSCR2<XEN> to "0" to turn
off the high-frequency clock oscillator.
If the oscillation of the low-frequency clock (fs) is unstable, confirm the stable oscillation at the
warm-up counter before implementing the procedure described above.
Note 1: Be sure to follow this procedure to switch the operation from the NORMAL2 mode to the
SLOW1 mode.
Note 2: It is also possible to allow the basic clock for the high-frequency clock to oscillate continuously to
return to NORMAL2 mode. However, be sure to turn off the oscillation of the basic clock for the
high-frequency clock when the STOP mode is started from the SLOW mode.
Note 3: After switching SYSCR2<SYSCK>, be sure to wait for 2 machine cycles or longer before clear-
ing SYSCR2<XEN> to "0". Clearing it within 2 machine cycles causes a system clock reset.
Note 4: When the main system clock (fm) is switched, the gear clock (fcgck) is synchronized with the
clock that is a quarter of the basic clock (fs) for the low-frequency clock. For the synchronization,
fm is stopped for a period of 10/fs or shorter.
Figure 2-12 Switching of the Main System Clock (fm) (Switching from fcgck to fs/4)
Gear clock (fcgck)
When the rising edge of fcgck is
detected twice after SYSCR2<SYSCK>
is changed from 0 to 1, f is stopped
for synchronization.
When the rising edge of fs/4 is detected
twice after fm is stopped, fm is switched to fs.
Quarter of the low-frequency clock
(fs/4)
Main system clock
SYSCR2<SYSCK>
10/fs (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com