Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 36 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 36 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 32Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 33Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 34Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 35Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 36Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 37Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 38Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 39Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 40Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 410 page
background image
Page 22
2. CPU Core
2.3 System clock controller
TMP89FS60
RA001
Note 2: The clock output from the oscillation circuit is used as the input clock to the warm-up counter. The warm-up time contains
errors because the oscillation frequency is unstable until the oscillation circuit becomes stable. Set the sufficient time for
the oscillation start property of the oscillator.
2.3.4.2
Warm-up counter operation when the oscillation is enabled by the software
The warm-up counter serves to secure the time after the oscillation is enabled by the software before the
oscillation becomes stable, at a mode change from NORMAL1 to NORMAL2 or from SLOW1 to
SLOW2.
Select the input clock to the frequency division circuit at WUCCR<WUCSEL>.
Select the input clock to the 14-stage counter at WUCCR<WUCDIV>.
After the warm-up time is set at WUCDR, setting SYSCR2<XEN> or SYSCR2<XTEN> to "1" allows
the stopped oscillation circuit to start oscillation and the 14-stage counter to start counting the selected
input clock.
When the upper 8 bits of the counter become equal to WUCDR, an INTWUC interrupt occurs, counting
is stopped and the counter is cleared.
Set WUCCR<WUCRST> to "1" to discontinue the warm-up operation.
By setting it to "1", the count-up operation is stopped, the warm-up counter is cleared, and
WUCCR<WUCRST> is cleared to "0".
SYSCR2<XEN> and SYSCR2<XTEN> hold the values when WUCCR<WUCRST> is set to "1". To
restart the warm-up operation, SYSCR2<XEN> or SYSCR2<XTEN> must be cleared to "0".
Note: The warm-up counter starts counting when SYSCR2<XEN> or SYSCR2<XTEN> is changed from "0"
to "1". The counter will not start counting by writing "1" to SYSCR2<XEN> or SYSCR2<XTEN> when it
is in the state of "1".
Note: The clock output from the oscillation circuit is used as the input clock to the warm-up counter. The
warm-up time contains errors because the oscillation frequency is unstable until the oscillation circuit
becomes stable. Set the sufficient time for the oscillation start property of the oscillator.
2.3.5
Operation mode control circuit
The operation mode control circuit starts and stops the oscillation circuits for the high-frequency and low-
frequency clocks, and switches the main system clock (fm).
There are three operating modes: the single-clock mode, the dual-clock mode and the STOP mode. These
modes are controlled by the system control registers (SYSCR1 and SYSCR2).
Figure 2-7 shows the operating mode transition diagram.
2.3.5.1
Single-clock mode
Only the gear clock (fcgck) is used for the operation in the single-clock mode.
WUCCR<WUCSEL>
WUCCR<WUCDIV>
Counter input clock
Warm-up time
0
00
fc
26 / fc to 255 x 26 / fc
01
fc / 2
27 / fc to 255 x 27 / fc
10
fc / 22
28 / fc to 255 x 28 / fc
11
fc / 23
29 / fc to 255 x 29 / fc
1
00
fs
26 / fs to 255 x 26 / fs
01
fs / 2
27 / fs to 255 x 27 / fs
10
fs / 22
28 / fs to 255 x 28 / fs
11
fs / 23
29 / fs to 255 x 29 / fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com