Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 51Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 52Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 53Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 54Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 55Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 56Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 57Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 58Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 410 page
background image
Page 41
TMP89FS60
RA001
Note: The voltage detection circuits are disabled by an external reset input or power-on reset only.
2.4.4
Reset Signal Generating Factors
Reset signals are generated by each factor as follows:
2.4.4.1
External reset input (RESET pin input)
Port P10 is also used as the RESET pin, and it serves as the RESET pin after the power is turned on.
If the supply voltage is lower than the recommended operating voltage range, for example, when the
power is turned on, the supply voltage is raised to the operating voltage range with the RESET pin kept at
the "L" level, and a reset is applied 5
µs after the oscillation is stabilized.
If the supply voltage is within the recommended operating voltage range, the RESET pin is kept at the
"L" level for 5
µs with the stabilized oscillation, and then a reset is applied.
In each case, after a reset is applied, it is released by turning the RESET pin to "H" and the warm-up
operation that follows reset release gets started.
Table 2-5
Initialization of Built-in Hardware by Reset Operation and Its Status after Release
Built-in hardware
During reset
During the warm-up opera-
tion that follows reset
release
Immediately after the
warm-up operation that fol-
lows reset release
Program counter (PC)
MCU mode:
0xFFFE
Serial PROM
mode:0x01FF
MCU mode:
0xFFFE
Serial PROM
mode:0x01FF
MCU mode:
0xFFFE
Serial PROM
mode:0x01FF
Stack pointer (SP)
0x00FF
0x00FF
0x00FF
RAM
Indeterminate
Indeterminate
Indeterminate
General-purpose registers (W, A, B, C, D, E, H, L, IX and
IY)
Indeterminate
Indeterminate
Indeterminate
Register bank selector (RBS)
0
0
0
Jump status flag (JF)
Indeterminate
Indeterminate
Indeterminate
Zero flag (ZF)
Indeterminate
Indeterminate
Indeterminate
Carry flag (CF)
Indeterminate
Indeterminate
Indeterminate
Half carry flag (HF)
Indeterminate
Indeterminate
Indeterminate
Sign flag (SF)
Indeterminate
Indeterminate
Indeterminate
Overflow flag (VF)
Indeterminate
Indeterminate
Indeterminate
Interrupt master enable flag (IMF)
0
0
0
Individual interrupt enable flag (EF)
0
0
0
Interrupt latch (IL)
0
0
0
High-frequency clock oscillation circuit
Oscillation enabled
Oscillation enabled
Oscillation enabled
Low-frequency clock oscillation circuit
Oscillation disabled
Oscillation disabled
Oscillation disabled
Warm-up counter
Reset
Start
Stop
Timing generator prescaler and divider
0
0
0
Watchdog timer
Disabled
Disabled
Enabled
Voltage detection circuit
Disabled or enabled
Disabled or enabled
Disabled or enabled
I/O port pin status
HiZ
HiZ
HiZ
Special function register
Refer to the SFR map.
Refer to the SFR map.
Refer to the SFR map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com