Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 91 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 91 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 87Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 88Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 89Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 90Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 91Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 92Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 93Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 94Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 95Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 410 page
background image
Page 77
TMP89FS60
RA000
Note:The 8-bit up counter source clock operates out of synchronization with WDCTR<WDTEN>. Therefore, the first
overflow time of the 8-bit up counter after WDCTR<WDTEN> is set to "1" may get shorter by a maximum of 1
source clock. The 8-bit up counter must be cleared within a period of the overflow time minus 1 source clock
cycle.
5.3.4
Setting an overflow detection signal of the 8-bit up counter
WDCTR<WDTOUT> selects a signal to be generated when the overflow of the 8-bit up counter is detected.
1. When the watchdog timer interrupt request signal is selected (when WDCTR<WDTOUT> is "0")
Releasing WDCTR<WDTOUT> to "0" causes a watchdog timer interrupt request signal to occur
when the 8-bit up counter overflows.
A watchdog timer interrupt is a non-maskable interrupt, and its request is always accepted, regard-
less of the interrupt master enable flag (IMF) setting.
Note: When a watchdog timer interrupt is generated while another interrupt, including a watchdog timer interrupt, is already
accepted, the new watchdog timer interrupt is processed immediately and the preceding interrupt is put on hold. Therefore,
if watchdog timer interrupts are generated continuously without execution of the RETN instruction, too many levels of nest-
ing may cause a malfunction of the microcontroller.
2. When the watchdog timer reset request signal is selected (when WDCTR<WDTOUT> is "1")
Setting WDCTR<WDTOUT> to "1" causes a watchdog timer reset request signal to occur when
the 8-bit up counter overflows.
This watchdog timer reset request signal resets the TMP89FS60 and starts the warm-up operation.
5.3.5
Writing the watchdog timer control codes
The watchdog timer control codes are written into WDCDR.
By writing 0x4E (clear code) into WDCDR, the 8-bit up counter is cleared to "0" and continues counting the
source clock.
When WDCTR<WDTEN> is "0", writing 0xB1 (disable code) into WDCDR disables the watchdog timer
operation.
To prevent the 8-bit up counter from overflowing, clear the 8-bit up counter in a period shorter than the over-
flow time of the 8-bit up counter and within the clear time.
By designing the program so that no overflow will occur, the program malfunctions and deadlock can be
detected through interrupts generated by watchdog timer interrupt request signals.
By applying a reset to the microcomputer using watchdog timer reset request signals, the CPU can be
restored from malfunctions and deadlock.
Note:If the overflow of the 8-bit up counter and writing of 0x4E (clear code) into WDCDR occur simultaneously, the
8-bit up counter is cleared preferentially and the overflow detection is not executed.
Example: When WDCTR<WDTEN> is "0", set the watchdog timer detection time to 220/fcgck [s], set the counter clear
time to half of the overflow time, and allow a watchdog timer reset request signal to occur if a malfunction is
detected.
LD
(WDCTR), 0y00110011
; WDTW
←10, WDTT←01, WDTOUT←1
Clear the 8-bit up counter at a point after
half of its overflow time and within a peri-
od of the overflow time minus 1 source
clock cycle.
LD
(WDCDR), 0x4E
; Clear the 8-bit up counter
Clear the 8-bit up counter at a point after
half of its overflow time and within a peri-
od of the overflow time minus 1 source
clock cycle.
LD
(WDCDR), 0x4E
; Clear the 8-bit up counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com