Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 88Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 89Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 90Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 91Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 92Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 93Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 94Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 95Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 410 page
background image
Page 78
5. Watchdog Timer (WDT)
5.3 Functions
TMP89FS60
RA000
5.3.6
Reading the 8-bit up counter
The counter value of the 8-bit up counter can be read by reading WDCNT.
The stoppage of the 8-bit up counter can be detected by reading WDCNT at random times and comparing the
value to the last read value.
5.3.7
Reading the watchdog timer status
The watchdog timer status can be read at WDST.
WDST<WDTST> is set to "1" when the watchdog timer operation is enabled, and it is cleared to "0" when
the watchdog timer operation is disabled.
WDST<WINTST2> is set to "1" when a watchdog timer interrupt request signal occurs due to the overflow
of the 8-bit up counter.
WDST<WINTST1> is set to "1" when a watchdog timer interrupt request signal occurs due to the operation
for releasing the 8-bit up counter outside the clear time.
You can know which factor has caused a watchdog timer interrupt request signal by reading
WDST<WINTST2> and WDST<WINTST1> in the watchdog timer interrupt service routine.
WDST<WINTST2> and WDST<WINTST1> are cleared to "0" when WDST is read. If WDST is read at the
same time as the condition for turning WDST<WINTST2> or WDST<WINTST1> to "1" is satisfied,
WDST<WINTST2> or WDST<WINTST1> is set to "1", rather than being cleared.
Figure 5-4 Changes in the Watchdog Timer Status
8-bit up counter value
When WDCTR<WDTW> is 10
Writing of 4EH (clear code)
WDST<WINTST1>
Watchdog timer interrupt request signal
Interrupt request signal generated by clearing
the 8-bit up counter outside the clear time
Interrupt request signal generated by the
overflow of the 8-bit up counter
00H
01H
3FH 40H
01H
7FH 80H
BFH C0H
FFH 00H
FFH
Clear time
Outside the clear time
Reading of WDST
WDST<WINTST2>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com