Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 66 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 66 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 62Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 63Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 64Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 65Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 66Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 67Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 68Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 69Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 70Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 410 page
background image
Page 52
3. Interrupt Control Circuit
3.3 Interrupt Enable Register (EIR)
TMP89FS60
RA003
Note 1: IL3 is a read-only register. Writing the register does not affect interrupt latch.
Note 2: In the main program, before manipulating an interrupt latch (IL), be sure to clear the interrupt master enable flag (IMF) to
"0" (Disable interrupt by DI instruction). Then set the IMF to "1" as required after operating the IL (Enable interrupt by EI
instruction).
In the interrupt service routine, the IMF becomes "0" automatically and need not be cleared to "0" normally. However, if
using multiple interrupt in the interrupt service routine, manipulate the IL before setting the IMF to "1".
Note 3: Do not clear IL with read-modify-write instructions such as bit operations.
Note 4: When a read instruction is executed on ILL, bits 0 to 2 are read as "0". Other unused bits are read as "0".
Interrupt latch (ILL)
ILL
76543
210
(0x0FE0)
Bit Symbol
IL7
IL6
IL5
IL4
IL3
-
-
-
Read/Write
R/W
R/W
R/W
R/W
RRRR
After reset
00000
000
Function
INTTXD0
INTRXD0 /
INTSIO0
INTTBT
INTWUC
INTWDT
Interrupt latch (ILH)
ILH
76543
210
(0x0FE1)
Bit Symbol
IL15
IL14
IL13
IL12
IL11
IL10
IL9
IL8
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
INTSBI0/
INTSIO0
INTTCA0
INTTC01
INTTC00
INTRTC
INTADC
INTVLTD
INT5
Interrupt latch (ILE)
ILE
76543
210
(0x0FE2)
Bit Symbol
IL23
IL22
IL21
IL20
IL19
IL18
IL17
IL16
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
INTTXD1
INTRXD1/
INTSIO1
INTTCA1
INT4
INT3
INT2
INT1
INT0
Interrupt latch (ILD)
ILD
76543
210
(0x0FE3)
Bit Symbol
----
IL27
IL26
IL25
IL24
Read/Write
RRRR
R/W
R/W
R/W
R/W
After reset
00000
000
Function
INTTXD2
INTRXD2
INTTC03
INTTC02
IL27 to IL4
Interrupt latch
Read
Write
0:
1:
No interrupt request
Interrupt request
Clears the interrupt request
(Notes 2 and 3)
Does not clear the interrupt
request
(Interrupt is not set by writing "1".)
IL3
0:
1:
No interrupt request
Interrupt request
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com