Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 93Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 94Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 95Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 96Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 97Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 98Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 99Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 100Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 410 page
background image
Page 83
TMP89FS60
RA002
7.3.1
Enabling/disabling the voltage detection operation
Setting VDCR2<VDxEN> to "1" enables the voltage detection operation. Setting it to "0" disables the oper-
ation.
VDCR2<VDxEN> is cleared to "0" immediately after a power-on reset or a reset by an external reset input is
released.
Note:When the supply voltage (VDD) is lower than the detection voltage (VDxLVL), setting VDCR2<VDxEN> to "1"
generates a voltage detection interrupt request signal or a voltage detection reset signal at the time.
7.3.2
Selecting the voltage detection operation mode
If the voltage detection operation mode is set to generate voltage detection interrupt request signals
(VDCR1<VDxMOD>="0") and VDCR2<VDxEN> is set to "1", a voltage detection interrupt request signal is
generated when the supply voltage (VDD) becomes lower than the detection voltage (VDxLVL).
If the voltage detection operation mode is set to generate voltage detection reset signals (VDCR1<VDx-
MOD>="1") and VDCR2<VDxEN> is set to "1", a voltage detection reset signal is generated when the supply
voltage (VDD) becomes lower than the detection voltage (VDxLVL).
VDCR1 and VDCR2 are initialized by a power-on reset or an external reset input only. Therefore, the volt-
age detection reset signals are generated continuously, as long as the supply voltage (VDD) is lower than the
detection voltage (VDxLVL).
Note:If the voltage detection mode is set to generate voltage detection interrupt request signals and the supply volt-
age (VDD) becomes lower than the detection voltage (VDxLVL) in the STOP, IDLE0 or SLEEP0 mode, a volt-
age detection interrupt request signal is generated after the operation mode is released and returned to
NORMAL or SLOW mode.
Figure 7-2 Voltage Detection Interrupt Request Signal and Voltage Detection Reset Signal
7.3.3
Selecting the detection voltage level
Select a detection voltage at VDCR1<VDxLVL>.
7.3.4
Voltage detection flag and voltage detection status flag
The magnitude relation between the supply voltage (VDD) and the detection voltage (VDxLVL) can be
checked by reading VDCR1<VDxF> and VDCR1<VDxSF>.
If VDCR2<VDxEN> is set at "1", when the supply voltage (VDD) becomes lower than the detection voltage
(VDxLVL), VDCR1<VDxF> is set to "1" and is held in this state. VDCR1<VDxF> is not cleared to "0" when
the supply voltage (VDD) becomes equal to or higher than the detection voltage (VDxLVL).
When VDCR2<VDxEN> is cleared to "0" after VDCR1<VDxF> is set to "1", the previous state is still held.
To clear VDCR1<VDxF>, "0" must be written to it.
Detection voltage level
VDD level
Voltage detection interrupt
request signal
VDCR2<VDxEN>
Voltage detection reset signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com