Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 48 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 48 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 44Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 45Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 46Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 47Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 48Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 49Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 50Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 51Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 52Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 410 page
background image
Page 34
2. CPU Core
2.3 System clock controller
TMP89FS60
RA001
Figure 2-11 IDLE0 and SLEEP0 Modes
• Start the IDLE0 and SLEEP0 modes
Stop (disable) the peripherals such as a timer counter.
To start the IDLE0 or SLEEP0 mode, set SYSCR2<TGHALT> to "1".
• Release the IDLE0 and SLEEP0 modes
The IDLE0 and SLEEP0 modes include a normal release mode and an interrupt release
mode. These modes are selected at the interrupt master enable flag (IMF), the individual inter-
rupt enable flag (EF5) for the time base timer and TBTCR<TBTEN>. After releasing the
IDLE0 or SLEEP0 mode, SYSCR2<TGHALT> is automatically cleared to "0" and the opera-
tion mode is returned to the mode preceding the IDLE0 or SLEEP0 mode. If
TBTCR<TBTEN> has been set at "1", the INTTBT interrupt latch is set.
The IDLE0 and SLEEP0 modes are also released by a reset by the RESET pin, a power-on
reset and a reset by the voltage detection circuits. When a reset is released, the warm-up starts.
After the warm-up is completed, the NORMAL1 mode becomes active.
Reset
Yes
No
No
"0"
Yes
Yes
(Interrupt release mode)
(Normal release mode)
Yes
"1"
No
No
Stopping peripherals by
instructions
CPU and WDT stop
Interrupt processing
Reset input
TBT source clock
falling edge
TBTCR<TBTEN>
TBT interrupt
enabled
IMF = "1"
Starting IDLE0 or SLEEP0
mode by an instruction
Execution of the instruction
which follows the IDLE0 or
SLEEP0 mode start
instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com