Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 99 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 99 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 95Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 96Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 97Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 98Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 99Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 100Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 101Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 102Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 103Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 410 page
background image
Page 85
TMP89FS60
RA002
Figure 7-4 STOP Mode Release by VDCR1<VDxSF>
7.4
Register Settings
7.4.1
Setting procedure when the operation mode is set to generate voltage detection
interrupt request signals
When the operation mode is set to generate voltage detection interrupt request signal, make the following
setting:
In this case, setting VDCR2<SRSS> allows STOP mode to be released when the supply voltage (VDD)
becomes equal to or higher than the detection voltage (VDxLVL).
1. Clear the voltage detection circuit interrupt enable flag to "0".
2. Set the detection voltage at VDCR1<VDxLVL>(x=1 to 2).
3. Clear VDCR2<VDxMOD> to "0" to set the operation mode to generate voltage detection interrupt
request signals.
4. Set VDCR2<VDxEN> to "1" to enable the voltage detection operation.
5. Wait for 5 [us] or more until the voltage detection circuit becomes stable.
6. Make sure that VDCR1<VDxSF> is "0".
7. Clear the voltage detection circuit interrupt latch to "0" and set the interrupt enable flag to "1" to
enable interrupts.
Note:If the set value of detection voltage (VDxLVL) is close to the supply voltage (VDD), voltage detection request
signals may be generated frequently. At the return from the voltage detection interrupt processing, execute
appropriate wait processing depending on fluctuations in the system power supply and clear the interrupt
latch.
7.4.2
Setting procedure when the operation mode is set to generate voltage detection
reset signals
When the operation mode is set to generate voltage detection reset signals, make the following setting:
1. Clear the voltage detection circuit interrupt enable flag to "0".
2. Set the detection voltage at VDCR1<VDxLVL>(x=1 to 2).
3. Clear VDCR2<VDxMOD> to "0" to set the operation mode to generate voltage detection interrupt
request signals.
4. Set VDCR2<VDxEN> to "1" to enable the voltage detection operation.
5. Wait for 5 [us] or more until the voltage detection circuit becomes stable.
6. Make sure that VDCR1<VDxSF> is "0".
7. Set VDCR2<VDxMOD> to "1" to set the operation mode to generate voltage detection reset signals.
Note 1: VDCR1 and VDCR2 are initialized by a power-on reset or an external reset input only. If the supply voltage
(VDD) becomes lower than the detection voltage (VDxLVL) in the period from release of the voltage detec-
tion reset until clearing of VDCR2<VDxEN> to "0", a voltage detection reset signal is generated immedi-
ately.
Detection voltage level
Voltage detection interrupt
request signal
STOP mode is released at the falling
edge of VDCR1<VDxSF>
VDD level
VDCR1<VDxSF>
STOP mode is released at the falling
edge of VDCR1<VDxSF>
NORMAL mode
NORMAL mode
STOP mode
STOP mode is
activated by
programming.
STOP mode is
activated by
programming.
STOP mode
Warm-up
NORMAL mode
Warm-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com