Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 90 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 90 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 86Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 87Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 88Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 89Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 90Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 91Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 92Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 93Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 94Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 410 page
background image
Page 76
5. Watchdog Timer (WDT)
5.3 Functions
TMP89FS60
RA000
Note:The 8-bit up counter source clock operates out of synchronization with WDCTR<WDTEN>. Therefore, the first
overflow time of the 8-bit up counter after WDCTR<WDTEN> is set to "1" may get shorter by a maximum of 1
source clock. The 8-bit up counter must be cleared within the period of the overflow time minus 1 source clock
cycle.
5.3.2
Setting the clear time of the 8-bit up counter
WDCTR<WDTW> sets the clear time of the 8-bit up counter.
When WDCTR<WDTW> is "00", the clear time is equal to the overflow time of the 8-bit up counter, and the
8-bit up counter can be cleared at any time.
When WDCTR<WDTW> is not "00", the clear time is fixed to only a certain period within the overflow
time of the 8-bit up counter. If the operation for releasing the 8-bit up counter is attempted outside the clear
time, a watchdog timer interrupt request signal occurs.
At this time, the watchdog timer is not cleared but continues counting. If the 8-bit up counter is not cleared
within the clear time, a watchdog timer reset request signal or a watchdog timer interrupt request signal occurs
due to the overflow, depending on the WDCTR<WDTOUT> setting.
Figure 5-3 WDCTR<WDTW> and the 8-bit up Counter Clear Time
5.3.3
Setting the overflow time of the 8-bit up counter
WDCTR<WDTT> sets the overflow time of the 8-bit up counter.
When the 8-bit up counter overflows, a watchdog timer reset request signal or a watchdog timer interrupt
request signal occurs, depending on the WDCTR<WDTOUT> setting.
If the watchdog timer interrupt request signal is selected as the malfunction detection signal, the watchdog
counter continues counting, even after the overflow has occurred.
The watchdog timer temporarily stops counting up in the STOP mode (including warm-up) or in the IDLE/
SLEEP mode, and restarts counting up after the STOP/IDLE/SLEEP mode is released. To prevent the 8-bit up
counter from overflowing immediately after the STOP/IDLE/SLEEP mode is released, it is recommended to
clear the 8-bit up counter before the operation mode is changed.
Table 5-1
Watchdog Timer Overflow Time (fcgck=8.0 MHz; fs=32.768 kHz)
WDTT
Watchdog timer overflow time [s]
NORMAL mode
SLOW
mode
DV9CK = 0
DV9CK = 1
00
32.77 m
62.50 m
62.50 m
01
131.07 m
250.00 m
250.00 m
10
524.29 m
1.000
1.000
11
2.097
4.000
4.000
When WDCTR<WDTW> is 00
8-bit up counter value
When WDCTR<WDTW> is 01
When WDCTR<WDTW> is 10
When WDCTR<WDTW> is 11
00H
01H
3FH 40H
7FH 80H
BFH C0H
FFH 00H
FFH
Clear time
Clear time
Outside the clear time
Clear time
Outside the clear time
Clear time
Outside the clear time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com