Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 53 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 53 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 49Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 50Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 51Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 52Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 53Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 54Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 55Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 56Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 410 page
background image
Page 39
TMP89FS60
RA001
Note 3: After SYSCR3<RSTDIS> is modified, SYSCR4 should be written 0xB2 (Enable code for SYSCR3<RSTDIS>) in
NORMAL1 mode when fcgck is fc/4 (CGCR<FCGCKSEL>=00). Otherwise, SYSCR3<RSTDIS> may be enabled at unex-
pected timing.
Note 4: Bits 7 to 3 of SYSCR3 are read as "0".
Note 1: SYSCR4 is a write-only register, and must not be accessed by using a read-modify-write instruction, such as a bit opera-
tion.
Note 2: After SYSCR3<RSTDIS> is modified, SYSCR4 should be written 0xB2 (Enable code for SYSCR3<RSTDIS>) in NORMAL
mode when fcgck is fc/4 (CGCR<FCGCKSEL>=00). Otherwise, SYSCR3<RSTDIS> may be enabled at unexpected tim-
ing.
Note 3: After IRSTSR<FCLR> is modified, SYSCR4 should be written 0x71 (Enable code for IRSTSR<FCLR> in NORMAL mode
when fcgck is fc/4 (CGCR<FCGCKSEL>=00). Otherwise, IRSTSR<FCLR> may be enabled at unexpected timing.
Note 1: The enabled SYSCR3<RSTDIS> is initialized by a power-on reset only, and cannot be initialized by any other reset sig-
nals. The value written in SYSCR3 is reset by a power-on reset and other reset signals.
Note 2: Bits 7 to 3 of SYSCR4 are read as "0".
System control register 4
SYSCR4
(0x0FDF)
76543
210
Bit Symbol
SYSCR4
Read/Write
W
After reset
00000
000
SYSCR4
Writes the SYSCR3 data control code.
0xB2 : Enables the contents of SYSCR3<RSTDIS>.
0xD4 : Enables the contents of SYSCR3<RAREA> and SYSCR3
<RVCTR>.
0x71 : Enables the contents of IRSTSR<FCLR>
Others : Invalid
System control status register 4
SYSSR4
(0x0FDF)
76543
210
Bit Symbol
-----
(RVCTRS)
(RAREAS)
RSTDISS
Read/Write
RRRRRRRR
After reset
00000
000
RSTDISS
External reset input enable status
0 : The enabled SYSCR3<RSTDIS> data is "0".
1 : The enabled SYSCR3<RSTDIS> data is "1".
Internal factor reset detection status register
IRSTSR
(0x0FCC)
76543
210
Bit Symbol
FCLR
FLSRF
TRMDS
TRMRF
LVD2RF
LVD1RF
SYSRF
WDTRF
Read/Write
W
RRRRRRR
After reset
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com