Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 65 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 65 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 61Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 62Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 63Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 64Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 65Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 66Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 67Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 68Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 69Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 410 page
background image
Page 51
TMP89FS60
RA003
3.3
Interrupt Enable Register (EIR)
The interrupt enable register (EIR) enables and disables the acceptance of interrupts, except for the non-maskable
interrupts (software interrupt, undefined instruction interrupt and watchdog interrupt). Non-maskable interrupts are
accepted regardless of the contents of the EIR.
The EIR consists of the interrupt master enable flag (IMF) and the individual interrupt enable flags (EF). These
registers are located at addresses 0x003A, 0x003B, 0x003C, 0x003D in the SFR area, and they can be read and writ-
ten by instructions (including read-modify-write instructions such as bit manipulation or operation instructions).
3.3.1
Interrupt master enable flag (IMF)
The interrupt master enable flag (IMF) enables and disables the acceptance of all maskable interrupts. Clear-
ing the IMF to "0" disables the acceptance of all maskable interrupts. Setting the IMF to "1" enables the accep-
tance of the interrupts that are specified by the individual interrupt enable flags.
When an interrupt is accepted, the IMF is stacked and then cleared to "0", which temporarily disables the
subsequent maskable interrupts. After the interrupt service routine is executed, the stacked data, which was the
status before interrupt acceptance, reloaded on the IMF by return interrupt instruction [RETI]/[RETN].
The IMF is located on bit 0 in EIRL (Address: 0x03A in SFR), and can be read and written by instructions.
The IMF is normally set and cleared by [EI] and [DI] instructions respectively. During reset, the IMF is initial-
ized to "0".
3.3.2
Individual interrupt enable flags (EF27 to EF4)
Each of these flags enables and disables the acceptance of its maskable interrupt. Setting the corresponding
bit of an individual interrupt enable flag to "1" enables acceptance of its interrupt, and setting the bit to "0" dis-
ables acceptance.
During reset, all the individual interrupt enable flags are initialized to "0" and no maskable interrupts are
accepted until the flags are set to "1".
Note:In the main program, before manipulating the interrupt enable flag (EF), be sure to clear the master enable
flag (IMF) to "0" (Disable interrupt by DI instruction). Then set the IMF to "1" as required after operating the EF
(Enable interrupt by EI instruction).
In the interrupt service routine, the IMF becomes "0" automatically and need not be cleared to "0" normally.
However, if using multiple interrupt in the interrupt service routine, manipulate the EF before setting the IMF to
"1".
Example: Enables interrupts individually and sets IMF
DI
; IMF
← 0
LDW
:
(EIRL), 0y1110100010100000
;
;
EF15 to EF13, EF11, EF7, EF5
← 1
Note: IMF should not be set.
:
EI
; IMF
← 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com