Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 67 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 67 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 63Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 64Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 65Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 66Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 67Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 68Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 69Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 70Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 71Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 410 page
background image
Page 53
TMP89FS60
RA003
Note 1: Do not set the IMF and the interrupt enable flag (EF15 to EF4) to "1" at the same time.
Note 2: In the main program, before manipulating the interrupt enable flag (EF), be sure to clear the master enable flag (IMF) to
"0" (Disable interrupt by DI instruction). Then set the IMF to "1" as required after operating the EF (Enable interrupt by EI
instruction)
In the interrupt service routine, the IMF becomes "0" automatically and need not be cleared to "0" normally. However, if
using multiple interrupt in the interrupt service routine, manipulate the EF before setting the IMF to "1".
Note 3: When a read instruction is executed on EIRL, bits 3 to 1 are read as "0". Other unused bits are read as "0".
Interrupt enable register (EIRL)
EIRL
76543
210
(0x003A)
Bit Symbol
EF7
EF6
EF5
EF4
-
-
-
IMF
Read/Write
R/W
R/W
R/W
R/W
R
R
R
R/W
After reset
00000
000
Function
INTTXD0
INTRXD0 /
INTSIO0
INTTBT
INTWUC
Interrupt
master en-
able flag
Interrupt enable register (EIRH)
EIRH
76543
210
(0x003B)
Bit Symbol
EF15
EF14
EF13
EF12
EF11
EF10
EF9
EF8
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
INTSBI0/
INTSIO0
INTTCA0
INTTC01
INTTC00
INTRTC
INTADC
INTVLTD
INT5
Interrupt enable register (EIRE)
EIRE
76543
210
(0x003C)
Bit Symbol
EF23
EF22
EF21
EF20
EF19
EF18
EF17
EF16
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
Function
INTTXD1
INTRXD1/
INTSIO1
INTTCA1
INT4
INT3
INT2
INT1
INT0
Interrupt enable register (EIRD)
EIRD
76543
210
(0x003D)
Bit Symbol
----
EF27
EF26
EF25
EF24
Read/Write
RRRR
R/W
R/W
R/W
R/W
After reset
00000
000
Function
INTTXD2
INTRXD2
INTTC03
INTTC02
EF27 to
EF4
Individual interrupt enable flag
(Specified for each bit)
0:
1:
Disables the acceptance of each maskable interrupt.
Enables the acceptance of each maskable interrupt.
IMF
Interrupt master enable flag
0:
1:
Disables the acceptance of all maskable interrupts.
Enables the acceptance of all maskable interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com