Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 41 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 41 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 37Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 38Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 39Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 40Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 41Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 42Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 43Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 44Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 45Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 410 page
background image
Page 27
TMP89FS60
RA001
2.3.6
Operation Mode Control
2.3.6.1
STOP mode
The STOP mode is controlled by system control register 1 (SYSCR1) and the STOP mode release sig-
nals.
(1)
Start the STOP mode
The STOP mode is started by setting SYSCR1<STOP> to "1". In the STOP mode, the following
states are maintained:
1. Both the high-frequency and low-frequency clock oscillation circuits stop oscillation and all
internal operations are stopped.
2. The data memory, the registers and the program status word are all held in the states in
effect before STOP mode was started. The port output latch is determined by the value of
SYSCR1<OUTEN>.
3. The prescaler and the divider of the timing generator are cleared to "0".
4. The program counter holds the address of the instruction 2 ahead of the instruction (e.g.,
[SET (SYSCR1).7]) which started the STOP mode.
(2)
Release the STOP mode
The STOP mode is released by the following STOP mode release signals. It is also released by a
reset by the RESET pin, a power-on reset and a reset by the voltage detection circuits. When a reset is
released, the warm-up starts. After the warm-up is completed, the NORMAL1 mode becomes active.
1. Release by the STOP pin
Table 2-3
Operation Modes and Conditions
Operation mode
Oscillation circuit
CPU core
Watchdog
timer
Time base
timer
Other periph-
eral circuits
Machine cycle time
High-fre-
quency
Low-fre-
quency
Single clock
RESET
Oscillation
Stop
Reset
Reset
Reset
Reset
1 / fcgck [s]
NORMAL1
Operate
Operate
Operate
Operate
IDLE1
Stop
Stop
IDLE0
Stop
STOP
Stop
Stop
Å|
Dual clock
NORMAL2
Oscillation
Oscillation
Operate with
the high fre-
quency
Operate with
the high/low
frequency
Operate
Operate
1 / fcgck [s]
IDLE2
Stop
Stop
SLOW2
Operate with
the low fre-
quency
Operate with
the low fre-
quency
4/ fs [s]
SLOW1
Stop
Operate with
the low fre-
quency
Operate with
the low fre-
quency
SLEEP1
Stop
Stop
SLEEP0
Stop
STOP
Stop
Stop
Å|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com