Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 85 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 85 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 81Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 82Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 83Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 84Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 85Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 86Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 87Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 88Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 89Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 410 page
background image
Page 71
TMP89FS60
RA000
Figure 4-7 Noise Cancel Operation
In SLOW1/2 or SLEEP1 mode, a signal is sampled by the low frequency clock divided by 4. If the same
level is detected twice consecutively, the signal is recognized as a signal.
In IDLE0, SLEEP0 or STOP mode, the noise canceller sampling operation is stopped and an external
interrupts are unavailable. When operation returns to NORMAL1/2, IDLE1/2, SLOW1/2 or SLEEP1
mode, sampling operation restarts.
Note 1: When noise is input consecutively during sampling external interrupt pins, the noise cancel function
does not work properly. Set EINTCRx<INTxNC> according to the cycle of externally input noise.
Note 2: When an external interrupt pin is used as an output port, the input signal to the port is fixed to "L"
when the mode is switched to the output mode, and thus an interrupt request occurs. To use the pin
as an output port, clear the corresponding interrupt enable register to "0" to disable the generation of
interrupt.
Note 3: Interrupt requests may be generated during transition of the operation mode. Before changing the
operation mode, clear the corresponding interrupt enable register to "0" to disable the generation of
interrupt. When the operation mode is changed from NORMAL1/2 or IDLE1/2 to SLOW1/2 or
SLEEP1, wait 12/fs [s] after the operation mode is changed and clear the interrupt latch. And when
the operation mode is changed from SLOW1/2 or SLEEP1 to NORMAL1/2 or IDLE1/2, wait 2/
fcgck+3/fspl [s] after the operation mode is changed and clear the interrupt latch.
4.3.5
External interrupt 5
External interrupt 5 detects the falling edge of the INT5 pin and generates interrupt request signals.
In NORMAL1/2 or IDLE1/2 mode, pulses of less than 1/fcgck are removed as noise and pulses of 2/fcgck or
more are recognized as signals.
In SLOW/SLEEP mode, pulses of less than 4/fs are removed as noise and pulses of 8/fs or more are recog-
nized as signals.
Table 4-5
Noise Canceller Sampling Lock
EINTCR4<INT4NC>
Sampling interval
00
fcgck
01
fcgck/22
10
fcgck/23
11
fcgck/24
INT4 pin
Signal after noise removal
Noise
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com