Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 29Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 30Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 31Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 32Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 33Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 34Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 35Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 36Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 410 page
background image
Page 19
TMP89FS60
RA001
Immediately after reset release, the gear clock (fcgck) becomes the clock that is a quarter of the high-
frequency clock (fc).
Note: Don't change CGCR<FCGCKSEL> in the SLOW mode. This may stop the gear clock (fcgck) from
being changed.
2.3.3.3
Timing generator
The timing generator is a circuit that generates system clocks to be supplied to the CPU core and the
peripheral circuits, from the gear clock (fcgck) or the clock that is a quarter of the low-frequency clock
(fs). The timing generator has the following functions:
1. Generation of the main system clock (fm)
2. Generation of clocks for the timer counter, the time base timer and other peripheral circuits
Figure 2-5 Configuration of Timing Generator
(1)
Configuration of timing generator
The timing generator consists of a main system clock generator, a prescaler, a 21-stage divider and
a machine cycle counter.
1. Main system clock generator
This circuit selects the gear clock (fcgck) or the clock that is a quarter of the low-frequency
clock (fs) for the main system clock (fm) to operate the CPU core.
Clearing SYSCR2<SYSCK> to "0" selects the gear clock (fcgck). Setting it to "1" selects
the clock that is a quarter of the low-frequency clock (fs).
It takes a certain period of time after SYSCR2<SYSCK> is changed before the main sys-
tem clock is switched. If the currently operating oscillation circuit is stopped before the main
system clock is switched, the internal condition becomes as shown in Table 2-1 and a system
clock reset occurs. For details of clock switching, refer to "2.3.6 Operation Mode Control".
Table 2-2
Gear Clock (fcgck)
CGCR<FCGCKSEL>
fcgck
00
fc / 4
01
fc / 2
10
fc
11
Reserved
Main system clock generator
Machine cycle counter
SYSCR2<SYSCK>
SYSCR1<DV9CK>
Gear clock fcgck
Prescaler
Divider
Multiplexer
A
Timer counter, time base timer and other peripheral circuits
Divider
B
S
Y
Main system clock
fm
A quarter of the basic clock
for the low-frequency clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com