Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 70Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 71Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 72Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 73Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 74Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 75Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 76Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 77Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 410 page
background image
Page 60
3. Interrupt Control Circuit
3.6 Software Interrupt (INTSW)
TMP89FS60
RA003
3.6
Software Interrupt (INTSW)
Executing the SWI instruction generates a software interrupt and immediately starts interrupt processing (INTSW
is the top-priority interrupt).
Use the SWI instruction only for address error detection or for debugging described below.
3.6.1
Address error detection
0xFF is read if for some cause such as noise the CPU attempts to fetch an instruction from a non-existent
memory address. Code 0xFF is an SWI instruction, so a software interrupt is generated and an address error is
detected. The address error detection range can be further expanded by writing 0xFF to unused areas in the pro-
gram memory.
3.6.2
Debugging
Debugging efficiency can be increased by placing the SWI instruction at the software break point setting
address.
3.7
Undefined Instruction Interrupt (INTUNDEF)
When the CPU tries to fetch and execute an instruction that is not defined, INTUNDEF is generated and starts the
interrupt processing. INTUNDEF is accepted even if another non-maskable interrupt is in process. The current pro-
cess is discontinued and the INTUNDEF interrupt process starts soon after it is requested.
Note: The undefined instruction interrupt (INTUNDEF) forces the CPU to jump into the interrupt vector address, as soft-
ware interrupt (SWI) does.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com