Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 54Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 55Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 56Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 57Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 58Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 59Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 60Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 61Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 410 page
background image
Page 44
2. CPU Core
2.4 Reset Control Circuit
TMP89FS60
RA001
2.4.4.8
Internal factor reset detection status register
By reading the internal factor reset detection status register IRSTSR after the release of an internal fac-
tor reset, except the power-on reset, the factor which causes a reset can be detected.
The internal factor reset detection status register is initialized by an external reset input or power-on
reset.
Set IRSTSR<FCLR> to "1" and write 0x71 to SYSCR4. This enables IRSTSR<FCLR> and the internal
factor reset detection status register is clear to "0". IRSTSR<FCLR> is cleared to "0" automatically after
initializing the internal factor reset detection status register.
Note 1: Care must be taken in system designing since the IRSTSR may not fulfill its functions due to disturb-
ing noise and other effects.
Note 2: After IRSTSR<FCLR> is modified, SYSCR4 should be written 0x71 (Enable code for
IRSTSR<FCLR> in NORMAL mode when fcgck is fc/4 (CGCR<FCGCKSEL>=00). Otherwise,
IRSTSR<FCLR> may be enabled at unexpected timing.
2.4.4.9
How to use the external reset input pin as a port
To use the external reset input pin as a port, keep the external reset input pin at the "H" level until the
power is turned on and the warm-up operation that follows reset release is finished.
After the warm-up operation that follows reset release is finished, set P1PU0 to "1" and P1CR0 to "0",
and connect a pull-up resistor for a port. Then set SYSCR3<RSTDIS> to "1" and write 0xB2 to SYSCR4.
This disables the external reset function and makes the external reset input pin usable as a normal port.
To use the pin as an external reset pin when it is used as a port, set P1PU0 to "1" and P1CR0 to "0" and
connect the pull-up resistor to put the pin to the input mode. Then clear SYSCR3<RSTDIS> to "0" and
write 0xB2 to SYSCR4. This enables the external reset function and makes the pin usable as the external
reset input pin.
Note 1: If you switch the external reset input pin to a port or switch the pin used as a port to the external reset
input pin, do it when the pin is stabilized at the "H" level. Switching the pin function when the "L" level
is input may cause a reset.
Note 2: If the external reset input is used as a port, the statement which clears SYSCR3<RSTDIS> to "0" is
not written in a program. By the abnormal execution of program, the external reset input set as a port
may be changed as the external reset input at unexpected timing.
Note 3: After SYSCR3<RSTDIS> is modified, SYSCR4 should be written 0xB2 (Enable code for
SYSCR3<RSTDIS>) in NORMAL1 mode when fcgck is fc/4 (CGCR<FCGCKSEL>=00). Otherwise,
SYSCR3<RSTDIS> may be enabled at unexpected timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com