Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 31 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 31 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 27Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 28Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 29Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 30Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 31Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 32Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 33Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 34Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 35Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 410 page
background image
Page 17
TMP89FS60
RA001
Note 1: Don't start the warm-up counter operation with WUCDR set at "0x00".
Note 1: fcgck: Gear clock [Hz], fc: High-frequency clock [Hz]
Note 2: Don't change CGCR<FCGCKSEL> in the SLOW mode.
Note 3: Bits 7 to 2 of CGCR are read as "0".
2.3.3
Functions
2.3.3.1
Clock generator
The clock generator generates the basic clock for the system clocks to be supplied to the CPU core and
peripheral circuits.
It contains two oscillation circuits: one for the high-frequency clock and the other for the low-frequency
clock.
The oscillation circuit pins are also used as ports P0. For the setting to use them as ports, refer to the
chapter of I/O Ports.
To use ports P00 and P01 as the high-frequency clock oscillation circuits (the XIN and XOUT pins), set
P0FC0 to "1" and then set SYSCR2<XEN> to "1".
To use ports P02 and P03 as the low-frequency clock oscillation circuits (the XTIN and XTOUT pins),
set P0FC2 to "1" and then set SYSCR2<XTEN> to "1".
The high-frequency (fc) clock and the low-frequency (fs) clock can easily be obtained by connecting an
oscillator between the XIN and XOUT pins and between the XTIN and XTOUT pins respectively.
Clock input from an external oscillator is also possible. In this case, external clocks are applied to the
XIN/XTIN pins and the XOUT/XTOUT pins are kept open.
Enabling/disabling the oscillation of the high-frequency clock oscillation circuit and the low-frequency
clock oscillation circuit and switching the pin function to ports are controlled by the software and hard-
ware.
The software control is executed by SYSCR2<XEN>, SYSCR2<XTEN> and the P0 port function con-
trol register P0FC.
Warm-up counter data register
WUCDR
(0x0FCE)
76543
210
Bit Symbol
WUCDR
Read/Write
R/W
After reset
01100
110
WUCDR
Warm-up time setting
Clock gear control register
CGCR
(0x0FCF)
76543
210
Bit Symbol
-----
-
FCGCKSEL
Read/Write
RRRRRR
R/W
After reset
00000
000
FCGCKSEL
Clock gear setting
00 :
01 :
10 :
11 :
fcgck = fc / 4
fcgck = fc / 2
fcgck = fc
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com