Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 80 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 80 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 76Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 77Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 78Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 79Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 80Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 81Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 82Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 83Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 84Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 410 page
background image
Page 66
4. External Interrupt control circuit
4.2 Control
TMP89FS60
RA000
Note 1: fcgck: Gear clock [Hz], fs: Low-frequency clock [Hz]
Note 2: Interrupt requests may be generated during transition of the operation mode. Before changing the operation mode, clear
the corresponding interrupt enable register to "0" to disable the generation of interrupt. When the operation mode is
changed from NORMAL1/2 or IDLE1/2 to SLOW1/2 or SLEEP1, wait 12/fs [s] after the operation mode is changed and
clear the interrupt latch. And when the operation mode is changed from SLOW1/2 or SLEEP1 to NORMAL1/2 or IDLE1/2,
wait 2/fcgck+3/fspl [s] after the operation mode is changed and clear the interrupt latch.
Note 3: Interrupt requests may be generated when EINTCR3 is changed. Before doing such operation, clear the corresponding
interrupt enable register to "0" to disable the generation of interrupt. When the operation mode is changed from
NORMAL1/2 or IDLE1/2 to SLOW1/2 or SLEEP1, wait 12/fs [s] after the operation mode is changed and clear the inter-
rupt latch. And when the operation mode is changed from SLOW1/2 or SLEEP1 to NORMAL1/2 or IDLE1/2, wait 2/
fcgck+3/fspl [s] after the operation mode is changed and clear the interrupt latch.
Note 4: Bits 7 to 5 of EINTCR3 are read as "0".
Note 1: fcgck: Gear clock [Hz], fs: Low-frequency clock [Hz]
Note 2: Interrupt requests may be generated during transition of the operation mode. Before changing the operation mode, clear
the corresponding interrupt enable register to "0" to disable the generation of interrupt. When the operation mode is
changed from NORMAL1/2 or IDLE1/2 to SLOW1/2 or SLEEP1, wait 12/fs [s] after the operation mode is changed and
clear the interrupt latch. And when the operation mode is changed from SLOW1/2 or SLEEP1 to NORMAL1/2 or IDLE1/2,
wait 2/fcgck+3/fspl [s] after the operation mode is changed and clear the interrupt latch.
Note 3: Interrupt requests may be generated when EINTCR4 is changed. Before doing such operation, clear the corresponding
interrupt enable register to "0" to disable the generation of interrupt. When the operation mode is changed from
NORMAL1/2 or IDLE1/2 to SLOW1/2 or SLEEP1, wait 12/fs [s] after the operation mode is changed and clear the inter-
rupt latch. And when the operation mode is changed from SLOW1/2 or SLEEP1 to NORMAL1/2 or IDLE1/2, wait 2/
fcgck+3/fspl [s] after the operation mode is changed and clear the interrupt latch.
INI3LVL
Noise canceller pass signal level
when the interrupt request signal is
generated for external interrupt 3
0 :
1 :
Initial state or signal level "L"
Signal level "H"
INT3ES
Selects the interrupt request gener-
ating condition for external interrupt
3
00 :
01 :
10 :
11 :
An interrupt request is generated at the rising edge of the noise canceller
pass signal
An interrupt request is generated at the falling edge of the noise canceller
pass signal
An interrupt request is generated at both edges of the noise canceller
pass signal
Reserved
INT3NC
Sets the noise canceller sampling
interval for external interrupt 3
NORMAL1/2, IDLE1/2
SLOW1/2, SLEEP1
00 :
01 :
10 :
11 :
fcgck [Hz]
fcgck / 22 [Hz]
fcgck / 23 [Hz]
fcgck / 24 [Hz]
00 :
01 :
10 :
11 :
fs/4 [Hz]
fs/4 [Hz]
fs/4 [Hz]
fs/4 [Hz]
External interrupt control register 4
EINTCR4
(0x0FDB)
76543
210
Bit Symbol
-
-
-
INT4LVL
INT4ES
INT4NC
Read/Write
RRRR
R/W
R/W
After reset
0000
0
0
INI4LVL
Noise canceller pass signal level
when the interrupt request signal is
generated for external interrupt 4
0 :
1 :
Initial state or signal level "L"
Signal level "H"
INT4ES
Selects the interrupt request gener-
ating condition for external interrupt
4
00 :
01 :
10 :
11 :
An interrupt request is generated at the rising edge of the noise canceller
pass signal
An interrupt request is generated at the falling edge of the noise canceller
pass signal
An interrupt request is generated at both edges of the noise canceller
pass signal
An interrupt request is generated at "H" of the noise canceller pass signal
INT4NC
Sets the noise canceller sampling
interval for external interrupt 4
NORMAL1/2, IDLE1/2
SLOW1/2, SLEEP1
00 :
01 :
10 :
11 :
fcgck [Hz]
fcgck / 22 [Hz]
fcgck / 23 [Hz]
fcgck / 24 [Hz]
00 :
01 :
10 :
11 :
fs/4 [Hz]
fs/4 [Hz]
fs/4 [Hz]
fs/4 [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com