Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 78 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 78 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 74Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 75Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 76Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 77Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 78Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 79Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 80Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 81Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 82Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 410 page
background image
Page 64
4. External Interrupt control circuit
4.2 Control
TMP89FS60
RA000
4.2
Control
External interrupts are controlled by the following registers:
Note 1: Clearing INTxEN(x=0 to 5) to "0" stops the clock supply to the external interrupts. This invalidates the data written
in the control register for each external interrupt. When using the external interrupts, set INTxEN to "1" and then
write data into the control register for each external interrupt.
Note 2: Interrupt request signals may be generated when INTxEN is changed. Before changing INTxEN, clear the corre-
sponding interrupt enable register to "0" to disable the generation of interrupt. When the operation mode is
changed from NORMAL1/2 or IDLE1/2 to SLOW1/2 or SLEEP1, wait 12/fs [s] after the operation mode is changed
and clear the interrupt latch. And when the operation mode is changed from SLOW1/2 or SLEEP1 to NORMAL1/
2 or IDLE1/2, wait 2/fcgck+3/fspl [s] after the operation mode is changed and clear the interrupt latch.
Note 3: Bits 7 and 6 of POFFSET3 are read as "0".
Note 1: fcgck: Gear clock [Hz], fs: Low-frequency clock [Hz]
Note 2: Interrupt requests may be generated during transition of the operation mode. Before changing the operation mode, clear
the corresponding interrupt enable register to "0" to disable the generation of interrupt. When the operation mode is
changed from NORMAL1/2 or IDLE1/2 to SLOW1/2 or SLEEP1, wait 12/fs [s] after the operation mode is changed and
Low power consumption register 3
POFFCR3
76543
210
(0x0F77)
Bit Symbol
-
-
INT5EN
INT4EN
INT3EN
INT2EN
INT1EN
INT0EN
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
INT5EN
INT5 control
0
1
Disable
Enable
INT4EN
INT4 control
0
1
Disable
Enable
INT3EN
INT3 control
0
1
Disable
Enable
INT2EN
INT2 control
0
1
Disable
Enable
INT1EN
INT1 control
0
1
Disable
Enable
INT0EN
INT0 control
0
1
Disable
Enable
External interrupt control register 1
EINTCR1
(0x0FD8)
76543
210
Bit Symbol
-
-
-
INT1LVL
INT1ES
INT1NC
Read/Write
RRRR
R/W
R/W
After reset
0000
0
0
INI1LVL
Noise canceller pass signal level
when the interrupt request signal is
generated for external interrupt 1
0 :
1 :
Initial state or signal level "L"
Signal level "H"
INT1ES
Selects the interrupt request gener-
ating condition for external interrupt
1
00 :
01 :
10 :
11 :
An interrupt request is generated at the rising edge of the noise canceller
pass signal
An interrupt request is generated at the falling edge of the noise canceller
pass signal
An interrupt request is generated at both edges of the noise canceller
pass signal
Reserved
INT1NC
Sets the noise canceller sampling
interval for external interrupt 1
NORMAL1/2, IDLE1/2
SLOW1/2, SLEEP1
00 :
01 :
10 :
11 :
fcgck [Hz]
fcgck / 22 [Hz]
fcgck / 23 [Hz]
fcgck / 24 [Hz]
00 :
01 :
10 :
11 :
fs/4 [Hz]
fs/4 [Hz]
fs/4 [Hz]
fs/4 [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com