Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 84 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 84 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 80Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 81Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 82Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 83Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 84Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 85Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 86Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 87Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 88Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 410 page
background image
Page 70
4. External Interrupt control circuit
4.3 Function
TMP89FS60
RA000
4.3.4.2
A noise canceller pass signal monitoring function when interrupt request signals are
generated
The level of a signal that has passed through the noise canceller when an interrupt request is generated
can be read by using EINTCR4<INT4LVL>. When both edges are selected as detection edges, the edge
where an interrupt is generated can be detected by reading EINTCR4<INT4LVL>.
Figure 4-6 Interrupt Request Generation and EINTCR4<INT4LVL>
4.3.4.3
Noise cancel time selection function
In NORMAL1/2 or IDLE1/2 mode, a signal that has been sampled by fcgck is sampled at the sampling
interval selected at EINTCRx<INT4NC>. If the same level is detected three consecutive times, the signal
is recognized as a signal. If not, the signal is removed as noise.
Table 4-4
Selection of Interrupt Request Generation Edge
EINTCR4<INT4ES>
Detected at
00
Rising edge
01
Falling edge
10
Both edges
11
"H" level interrupt
INT4 pin
Interrupt request signal
(detected at the falling edge)
Interrupt request signal
(detected at the rising edge)
Interrupt request signal
(detected at both edges)
INT4LVL
INT4LVL
INT4LVL
INT4LVL
Interrupt request signal
(level detection)
Signal that has passed through
the noise canceller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com