Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP89FS60 Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 21Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 22Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 23Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 24Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 25Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 26Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 27Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 28Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 410 page
background image
Page 11
TMP89FS60
RA001
Note: Bits 7 to 3 of SYSSR4 are read as "0".
2.2.1.2
BOOTROM
The BOOTROM is not mapped in the code area or the data area after reset release.
Note 1: When the BOOTROM is not mapped in the code area, an instruction is fetched from the Flash or an
SWI instruction is fetched, depending on the capacity of the internal Flash.
Note 2: Only the first 2 Kbytes of the BOOTROM are mapped in the memory map, except in the serial PROM
mode.
Note: The flash memory control register 1 has a double-buffer structure comprised of the register FLSCR1 and a shift register.
Writing "0xD5" to the register FLSCR2 allows a register setting to be reflected and take effect in the shift register. This
means that a register setting value does not take effect until "0xD5" is written to the register FLSCR2. The value of the shift
register can be checked by reading the register FLSCRM.
System control status register 4
SYSSR4
(0x0FDF)
76543
210
Bit Symbol
-----
RVCTRS
RAREAS
(RSTDIS)
Read/Write
RRRRRRRR
After reset
00000
000
RAREAS
Status of mapping of the RAM in the
code area
0 :
1 :
The enabled SYSCR3<RAREA> data is "0".
The enabled SYSCR3<RAREA> data is "1".
RVCTRS
Status of mapping of the vector
address in the area
0 :
1 :
The enabled SYSCR3<RVCTR> data is "0".
The enabled SYSCR3<RVCTR> data is "1".
Example: Program transfer (Transfer the program saved in the data area to the RAM.)
LD
HL, TRANSFER_START_ADDRESS
; Destination RAM address
LD
DE, PROGRAM_START_ADDRESS
; Source ROM address
LD
BC, BYTE_OF_PROGRAM
; Number of bytes of the program to be executed -1
TRANS_RAM:
LD
A, (DE)
; Reading the program to be transferred
LD
(HL), A
; Writing the program to be transferred
INC
HL
; Destination address increment
INC
DE
; Source address increment
DEC
BC
; Have all the programs been transferred?
JRS
F, TRANS_RAM
Setting FLSMD<BAREA> to "1" maps the BOOTROM to 0x1000 to 0x17FF in the code area and to
0x1000 to 0x17FF in the data area. The BOOTROM can be easily written into the Flash by using the Ap-
plication Programming Interface (API) integrated in the BOOTROM.
Flash memory control register 1
FLSCR1
(0x0FD0)
76543
210
Bit Symbol
(FLSMD)
BAREA
(FAREA)
(ROMSEL)
Read/Write
R/W
R/W
R/W
R/W
After reset
01000
000
BAREA
Specifies mapping of the
BOOTROM in the code and data
areas
0 :
1 :
The BOOTROM is not mapped to 0x1000 to 0x17FF in the code area and
to 0x1000 to 0x17FF in the data area.
The BOOTROM is mapped to 0x1000 to 0x17FF in the code area and to
0x1000 to 0x17FF in the data area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com