Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 142 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 142 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 138Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 139Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 140Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 141Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 146Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-140
Table 3.10.2shows the relations between AD conversion modes and interrupt
request.
Table 3.10.2 Relation between AD Conversion Modes and Interrupt Request
ADMOD0
Mode
Interrupt
Request Timing
<ITM0>
<REPET>
<SCAN>
Fixed channel
single conversion mode
After conversion
X
0
0
Channel scan
single conversion mode
After conversion
X
0
1
Fixed channel repeat conversion
mode (Every conversion)
After every
conversion
0
Fixed channel repeat conversion
mode (Every fourth conversion)
After every fourth
conversion
1
1
0
Channel scan repeat conversion
mode
After every scan
conversion
X
1
1
X: Don’t care
(5) AD conversion time
140 states (14
µs at fc = 20 MHz) are required for AD conversion of one channel.
(6) Storing and reading the AD conversion result
AD conversion results are stored in AD conversion result registers high/low
(ADREG04H/L to ADREG3H/L). These registers are read only.
In fixed channel repeat conversion mode, AD conversion results are stored in order
from ADREG04H/L to ADREG3H/L. Except in this mode, AD conversion results for
channel AN0 and AN4, AN1 and AN5, AN2, AN3 are stored severally ADREG04H/L,
ADREG15H/L, ADREG2H/L, ADREG3H/L.
Table 3.10.3 shows correspondence between analog input channels and AD
conversion result registers.
Table 3.10.3 Correspondence Between Analog Input Channels and
AD Conversion Result Registers
AD Conversion Result Registers
Analog Input
Channel (port 5)
Conversion Modes
Except Right
Fixed Channel Repeat
Conversion Mode
(Every fourth conversion)
AN0
ADREG04H/L
AN1
ADREG15H/L
AN2
ADREG2H/L
AN3
ADREG3H/L
AN4
ADREG04H/L
AN5
ADREG15H/L
ADREG04H/L
ADREG15H/L
ADREG2H/L
ADREG3H/L
AD conversion result registers bit0 is AD conversion result stored flag <ADRxRF>.
The flag shows that whether those registers are read or not. When AD conversion
results are stored in those registers (ADREGxH or ADREGxL), this flag is set to “1”.
When each register is read, this flag is cleared to “0”, and AD conversion end flag
ADMOD0<EOCF> is also cleared to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com