Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 139 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 139 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 135Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 136Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 137Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 138Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 139Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 140Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 141Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 143Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-137
AD Conversion Result Register 2 Low
7
6
5
4
3
2
1
0
Bit symbol
ADR21
ADR20
ADR2RF
ADREG2L
(0064H)
Read/Write
R
R
After reset
Undefined
0
Function
Stores lower 2 bits of
AD conversion result.
Conversion
result stored
flag
1: Exist result
AD Conversion Result Register 2 High
7
6
5
4
3
2
1
0
Bit symbol
ADR29
ADR28
ADR27
ADR26
ADR25
ADR24
ADR23
ADR22
ADREG2H
(0065H)
Read/Write
R
After reset
Undefined
Function
Stores upper 8 bits of AD conversion result.
AD Conversion Result Register 3 Low
7
6
5
4
3
2
1
0
Bit symbol
ADR31
ADR30
ADR3RF
ADREG3L
(0066H)
Read/Write
R
R
After reset
Undefined
0
Function
Stores lower 2 bits of
AD conversion result.
Conversion
result stored
flag
1: Exist result
AD Conversion Result Register 3 High
7
6
5
4
3
2
1
0
Bit symbol
ADR39
ADR38
ADR37
ADR36
ADR35
ADR34
ADR33
ADR32
ADREG3H
(0067H)
Read/Write
R
After reset
Undefined
Function
Stores upper 8 bits of AD conversion result.
9
8
7
6
5
4
3
2
1
0
Channel x conversion result
ADREGxH
ADREGxL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
•
Bits 5 to 1 are always read as “1”.
•
Bit0 is conversion result stored flag bit <ADRxRF>.
<ADRxRF> is set to “1” when the AD conversion result is stored.
Reading either the ADREGxH or the ADREGxL registers clears
<ADRxRF> to “0”.
Figure 3.10.5 Registers for AD Converter (4/4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com