Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 135 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 135 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 131Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 132Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 133Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 134Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 135Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 136Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 137Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 138Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 139Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-133
3.10 Analog/Digital Converter
TMP93CS32 incorporate a high-speed, high-precision 10-bit analog/digital converter (AD
converter) with 6-channel analog input.
Figure 3.10.1 is a block diagram of the AD converter. The 6-channel analog input pins (AN0
to AN5) are also used as input-only port P5 and can be also used as input ports.
Figure 3.10.1 Block Diagram of AD Converter
Note 1: When the power supply current is reduced in IDLE2, IDLE1, STOP mode, there is possible to set a
standby enabling the internal comparator due to a timing. Stop operation of AD converter before
execution of “HALT” instruction.
Note 2: In regard to the lowest operation frequency.
The operation of AD converter is guaranteed with clock of fFPH ≥ 4 MHz.
Internal data bus
ADMOD0
<EOCF> <ADBF> <ITM0> <REPET> <SCAN> <ADS>
ADMOD1
<ADCH2:0>
<VREFON>
<ADTRGE>
AD converter
control circuit
scan
repeat
interrupt
busy
end
start
ADTRG
AD conversion result
register
ADREG04L to 3L
ADREG04H to 3H
DA converter
Sample
hold
Channel select
AN5 (P55)
AN4 (P54)
AN3/ ADTRG (P53)
AN2 (P52)
AN1 (P51)
AN0 (P50)
VREFH
VREFL
INTAD
Interrupt
Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com