Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 131 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 131 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 127Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 128Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 129Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 130Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 131Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 132Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 133Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 134Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 135Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-129
(2) Mode 1 (7-bit UART mode)
7-bit mode can be set by setting serial channel mode register SC0MOD<SM1:0> to
“01”.
In this mode, a parity bit can be added, and the addition of a parity bit can be
enabled or disabled by serial channel control register SC0CR<PE>, and even parity or
odd parity is selected by SC0CR<EVEN> when <PE> is set to “1” (enable).
Setting example: When transmitting data with the following format, the control registers should be set as described
below.
* Clock condition
Clock gear: 1 (fc)
Prescaler clock: fFPH
7
6
5
4
3
2
1
0
P6CR
← X X − − − − − 1
P6FC
← X X − X − − X1
Select P60 as the TXD pin.
SC0MOD
← X 0 − X 0 1 0 1
Set 7-bit UART mode.
SC0CR
← X 1 1 X X X 0 0
Add an even parity.
BR0CR
← 0 X 1 0 0 1 0 1
Set transfer rate at 2400 bps.
TRUN
← 1 X − − − − − −
Start the prescaler for the baud rate generator.
INTES0
← 1 1 0 0 − − − −
Enable INTTX0 interrupt and set interrupt level 4.
SC0BUF
← * * * * * * * *
Set data for transmission.
X: Don’t care,
−: No change
(3) Mode 2 (8-bit UART mode)
8-bit UART mode can be specified by setting SC0MOD<SM1:0> to “10”. In this mode,
parity bit can be added, the addition of a parity bit is enabled or disabled by
SC0CR<PE>, and even parity or odd parity is selected by SC0CR<EVEN> when <PE>
is set to “1” (Enable).
Setting example: When receiving data with the following format, the control register should be set as described below.
Start
Bit0
1
234
56
Even
parity
Stop
Direction of transmission (transmission rate: 2400 bps at fc
= 12.288 MHz)
Start
Bit0
12
345
6
Direction of transmission (transmission rate: 9600 bps at fc
= 12.288 MHz)
Odd
parity
Stop
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com