Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 134 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 134 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 130Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 131Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 132Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 133Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 134Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 135Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 136Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 137Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 138Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-132
Setting example: To link two slave controllers serially with the master controller, and
use the internal clock
φ1 as the transfer clock.
Since serial channels 0 and 1 operate in exactly the same way, channel 0 is used for
the purposes of explanation.
•
Setting the master controller
Main
P6CR
← X X − − − − 01
P6FC
← X X − X − 0X 1
Select P60 as TXD0 pin and P61 as RXD0 pin.
INTES0
← 1 1 0 0 1 1 0 1
Enable INTTX0 and set the interrupt level 4.
Enable INTRX0 and set the interrupt level 5.
SC0MOD
← 1 0 1 0 1 1 1 0
Set
φ1 as the transmission clock in 9-bit UART mode.
SC0BUF
← 0 0 0 0 0 0 0 1
Set the select code for slave controller 1.
INTTX0 interrupt
SC0MOD
← 0 − − − − − − −
Sets TB8 to“0”.
SC0BUF
← * * * * * * * *
Set data for transmission.
•
Setting the slave controller 1
Main
P6CR
← X X − − − − 01
P6FC
← X X − X − 0X 1
ODE
← X X X X X X − 1
Select P61 as RXD0 pin and P60 as TXD0 pin (open-drain
output).
INTES0
← 1 1 0 1 1 1 1 0
Enable INTRX0 and INTTX0.
SC0MOD
← 0 0 1 1 1 1 1 0
Set <WU> to “1” in the 9-bit UART transmission mode with
transfer clock
φ1.
INTRX0 interrupt
Acc
← SC0BUF
if Acc
= Select code
Then
SC0MOD
← − − − 0 − − − −
Clear <WU> to “0”.
TXD
RXD
Master
TXD
RXD
Slave 1
TXD
RXD
Slave 2
Select code
00000001
Select code
00001010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com