Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 169 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 169 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 165Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 166Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 167Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 168Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 169Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 170Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 171Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 172Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 173Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-167
(7) Serial channel control
Symbol
Name Address
7
6
5
4
3
2
1
0
RB7
TB7
RB6
TB6
RB5
TB5
RB4
TB4
RB3
TB3
RB2
TB2
RB1
RB1
RB0
TB0
R (Receiving)/W (Transmission)
SC0BUF
Serial
channel 0
buffer
register
50H
(Prohibit
RMW)
Undefined
RB8
EVEN
PE
OERR
PERR
FERR
SCLKS
IOC
R
R/W
R (Cleared to 0 by reading)
R/W
undefined
0
0
0
0
0
0
0
1: Error
SC0CR
Serial
channel 0
control
register
51H
Receiving
data bit8
Parity
0: Odd
1: Even
1: Parity
enable
Overrun
Parity
Framing
0: SCLK0
1: SCLK0
1: Input
SCLK0
pin
TB8
CTSE0
RXE
WU
SM1
SM0
SC1
SC0
R/W
Undefined
0
0
0
0
0
0
0
SC0MOD
Serial
channel 0
mode
control
register
52H
Transmisson
data bit8
1: CTS0
enable
1: Receive
enable
1: Wake up
enable
00: I/O interface
01: UART 7-bit
10: UART 8-bit
11: UART 9-bit
00: TO2 trigger
01: Baud rate generator 0
10: Internal clock
φ1
11: External clock SCLK0
−
BR0CK1
BR0CK0
BR0S3
BR0S2
BR0S1
BR0S0
R/W
R/W
0
0
0
0
0
0
0
BR0CR
Baud
rate 0
control
register
53H
Fix at ”0”
00:
φT0
01:
φT2
10:
φT8
11:
φT32
Set frequency divisor
0000: 16 divisions
0001
to
1 to 15 divisions
1111
RB7
TB7
RB6
TB6
RB5
TB5
RB4
TB4
RB3
TB3
RB2
TB2
RB1
RB1
RB0
TB0
R (Receiving)/W (Transmission)
SC1BUF
Serial
channel 1
buffer
register
54H
(Prohibit
RMW)
Undefined
RB8
EVEN
PE
OERR
PERR
FERR
SCLKS
IOC
R
R/W
R (Cleared to 0 by reading.)
R/W
Undefined
0
0
0
0
0
0
0
1: Error
SC1CR
Serial
channel 1
control
register
55H
Receiving
data bit8
Parity
0: Odd
1: Even
1: Parity
enable
Overrun
Parity
Framing
0: SCLK1
1: SCLK1
1: Input
SCLK1
pin
TB8
CTSE1
RXE
WU
SM1
SM0
SC1
SC0
R/W
undefined
0
0
0
0
0
0
0
SC1MOD
Serial
channel 1
mode
control
register
56H
Transmisson
data bit8
1: CTS1
enable
1: Receive
enable
1: Wake up
enable
00: I/O interface
01: UART 7-bit
10: UART 8-bit
11: UART 9-bit
00: TO2 trigger
01: Baud rate generator 1
10: Internal clock
φ1
11: External clock SCLK1
−
BR1CK1
BR1CK0
BR1S3
BR1S2
BR1S1
BR1S0
R/W
R/W
0
0
0
0
0
0
0
BR1CR
Baud
rate 1
control
register
57H
Fix at ”0”
00:
φT0
01:
φT2
10:
φT8
11:
φT32
Set frequency divisor
0000: 16 divisions
0001
to
1 to 15 divisions
1111
−
−
ODE63
ODE60
R/W
0
0
0
0
ODE
Serial
open
drain
enable
58H
(Note)
Always write “0”.
1: P63
open drain
1: P60
open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com