Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS32F Datasheet(PDF) 170 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 170 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 166Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 167Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 168Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 169Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 170Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 171Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 172Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 173Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 174Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-168
(8) AD converter control
Symbol
Name Address
7
6
5
4
3
2
1
0
EOCF
ADBF
−
−
ITM0
REPET
SCAN
ADS
R
R/W
0
0
0
0
0
0
0
0
ADMOD0
AD mode
control
register 0
5EH
1: End
1: Busy
(Note)
Always write “0”.
0: Every
conversion
1: Every four
conversion
0: Single
1: Repeat
0: Fixed-
channel
1: Scan
1: Start
(Note)
Always
read “0”.
VREFON
ADTRGE
ADCH2
ADCH1
ADCH0
R/W
R/W
1
0
0
0
0
ADMOD1
AD mode
control
register 1
5FH
0: OFF
1: ON
External
trigger start
control
0: Disable
1: Enable
Analog input channel selection
ADR01
ADR00
ADR0RF
R
R
Undefined
0
*1)
ADREG04L
AD
conversion
result
register
0/4 low
60H
Stores lower two bits
of AD conversion
result
Conversion
result stored
flag
ADR09
ADR08
ADR07
ADR06
ADR05
ADR04
ADR03
ADR02
R
Undefined
ADREG04H
AD
conversion
result
register
0/4 high
61H
Stores upper eight bits of AD conversion result
ADR11
ADR10
ADR1RF
R
R
Undefined
0
*1)
ADREG15L
AD
conversion
result
register
1/5 low
62H
Stores lower two bits
of AD conversion
result
Conversion
result stored
flag
ADR19
ADR18
ADR17
ADR16
ADR15
ADR14
ADR13
ADR12
R
Undefined
ADREG15H
AD
conversion
result
register
1/5 high
63H
Stores upper eight bits of AD conversion result
ADR21
ADR20
ADR2RF
R
R
Undefined
0
*1)
ADREG2L
AD
conversion
result
register 2
low
64H
Stores lower two bits
of AD conversion
result
Conversion
result stored
flag
ADR29
ADR28
ADR27
ADR26
ADR25
ADR24
ADR23
ADR22
R
Undefined
ADREG2H
AD
conversion
result
register 2
high
65H
Stores upper eight bits of AD conversion result
ADR31
ADR30
ADR3RF
R
R
Undefined
0
*1)
ADREG3L
AD
conversion
result
register 3
low
66H
Stores lower two bits
of AD conversion
result
Conversion
result stored
flag
ADR39
ADR38
ADR37
ADR36
ADR35
ADR34
ADR33
ADR32
R
Undefined
ADREG3H
AD
conversion
result
register 3
high
67H
Stores upper eight bits of AD conversion result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com