Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 115 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 115 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 111Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 112Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 113Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 114Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 115Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 118Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 119Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-113
Table 3.7.2 PWM Cycle
at fc
= 20 MHz, fs = 32.768 kHz
PWM Cycle
2
6
− 1
2
7
− 1
2
8
− 1
Select System
Clock
<SYSCK>
Select
Prescaler Clock
<PRCK1:0>
Gear Value
<GEAR2:0>
φT1
φT4
φT16
φT1
φT4
φT16
φT1
φT4
φT16
1 (fs)
XXX
15.4 ms
61.5 ms
246 ms
31.0 ms
124 ms
496 ms
62.3 ms
249 ms
996 ms
000 (fc)
25.2
µs
100.8
µs403.2 µs 50.8 µs
203.2
µs812.8 µs102.0 µs 408.0 µs 1.63 ms
001 (fc/2)
50.4 µs
201.6 µs806.4 µs101.6 µs406.4 µs
1.63 ms
204.0 µs
816.0 µs
3.26 ms
010 (fc/4)
100.8 µs403.2 µs
1.61 ms
203.2 µs812.8 µs
3.26 ms
408.0 µs
1.63 ms
6.53 ms
011 (fc/8)
201.6
µs806.4 µs 3.23 ms
406.4
µs 1.63 ms
6.52 ms
816.0
µs 3.26 ms
13.06 ms
0 (fc)
00
(fFPH)
100 (fc/16)
403.2 µs
1.61 ms
6.45 ms
812.8 µs
3.25 ms
13.04 ms 1.63 ms
6.53 ms
26.11 ms
XXX
01
(Low-frequency
clock)
XXX
15.4 ms
61.5 ms
246 ms
31.0 ms
124 ms
496 ms
62.3 ms
249 ms
996 ms
XXX
10
(fc/16 clock)
XXX
403.2 µs
1.61 ms
6.45 ms
812.8 µs
3.25 ms
13.04 ms 1.63 ms
6.53 ms
26.11 ms
XXX: Don’t care
(5) The list of 8-bit timer modes
Table 3.7.3 shows the list of 8-bit timer modes.
Table 3.7.3 Timer Mode Setting Registers
Register Name
TMOD
TFFCR
Bit Name
T10M
PWMM
T1CLK
T0CLK
TFF1IS
Function
Timer Mode
PWM Cycle
Upper Timer
Input Clock
Lower Timer
Input Clock
Timer F/F Invert
Signal Select
16-bit timer mode
01
−
−
External clock,
φT1, φT4, φT16
(00, 01, 10, 11)
−
8-bit timer
× 2 channels
00
−
Lower timer match:
φT1, 16, 256
(00, 01, 10, 11)
External clock,
φT1, φT4, φT16
(00, 01, 10, 11)
0: Lower timer
output
1: Upper timer
output
8-bit PPG
× 1 channel
10
−
−
External clock,
φT1, φT4, φT16
(00, 01, 10, 11)
−
8-bit PWM
× 1 channel
11
2
6
− 1, 27 − 1, 28 − 1
(01, 10, 11)
−
External clock,
φT1, φT4, φT16
(00, 01, 10, 11)
−
8-bit timer
× 1 channel
11
−
φT1, φT16, φT256
(01, 10, 11)
−
Output disabled
−: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com