Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 116 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 116 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 112Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 113Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 114Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 115Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 118Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 120Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-114
3.8
8-Bit PWM Timers
The TMP93CS40 and TMP93CS41 have two built-in 8-bit PWM timers (Timers 2 and 3).
Each of these timers has two operating modes.
•
8-bit PWM output mode
•
8-bit interval timer mode
Figure 3.8.1, Figure 3.8.2 are block diagram of 8-bit PWM timers 0 and 1 (Timers 2 and 3).
PWM timers consist of an 8-bit up counter, 8-bit comparator, and 8-bit timer register. Two
timer flip-flops (TFF2 for timer 2 and TFF3 for timer 3) are provided.
Input clocks
φP1, φP4, and φP16 for the PWM timers can be obtained using the 5-bit built-in
prescaler (PWM dedicated prescaler).
PWM timer operating mode and timer flip-flops are controlled by four control registers
(P0MOD, P1MOD, PFFCR, and TRUN).
PWM timers 0 and 1 can be used independently.
All PWM timers operate in the same manner, and thus only the operation of PWM timer 0
will be explained below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com