Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 127 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 127 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 123Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 124Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 125Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 126Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 127Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 128Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 129Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 130Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 131Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-125
Figure 3.8.10 is a block diagram of this mode.
Figure 3.8.10 Block Diagram of PWM Timer Mode (PWM0)
In this mode, enabling double buffer is very useful. The register buffer value shifts into
TREG2 when a 2n
− 1 overflow is detected, when double buffer is enabled.
Use of the double buffer makes the handling of low duty waves easy.
Figure 3.8.11 Register Buffer Operation
Shift trigger
φP1 φP4 φP16
P0MOD<T2CLK1:0>
Clock control
P0MOD<DB2EN>
Selector
B
A
TREG2 WR
Register buffer
8-bit
timer register
(TREG2)
8-bit
comparator
(CP2)
Internal data bus
Match
INTT2
P0MOD<PWM0INT>
Interrupt
control
PFFCR<FF2TRG1:0>
PFFCR<FF2C1:0>
TO2
Timer
flip-flop
control
8-bit up counter
(UC2)
Clear
P0MOD
<PWM0S1:0>
2
n
− 1 overflow
control
Overflow
S
Register buffer write
Shift from register buffer
Match with TREG2
2
n
− 1
overflow
TREG 2
(Compared value)
Register buffer
Q2
Q3
Q2
(Up counter
= Q1)
(Up counter
= Q2)
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com